Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2931CD2TR4G Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM2931CD2TR4G
Description  100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931CD2TR4G Datasheet(HTML) 4 Page - ON Semiconductor

  LM2931CD2TR4G Datasheet HTML 1Page - ON Semiconductor LM2931CD2TR4G Datasheet HTML 2Page - ON Semiconductor LM2931CD2TR4G Datasheet HTML 3Page - ON Semiconductor LM2931CD2TR4G Datasheet HTML 4Page - ON Semiconductor LM2931CD2TR4G Datasheet HTML 5Page - ON Semiconductor LM2931CD2TR4G Datasheet HTML 6Page - ON Semiconductor LM2931CD2TR4G Datasheet HTML 7Page - ON Semiconductor LM2931CD2TR4G Datasheet HTML 8Page - ON Semiconductor LM2931CD2TR4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM2931, NCV2931 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 10 mA, CO = 100 mF, CO(ESR) = 0.3 W, TA = 25°C [Note 5])
Characteristic
Symbol
LM2931−5.0/NCV2931−5.0 LM2931A−5.0/NCV2931A−5.0
Unit
Min
Typ
Max
Min
Typ
Max
FIXED OUTPUT
Output Voltage
VO
V
Vin = 14 V, IO = 10 mA, TA = 25°C
4.75
5.0
5.25
4.81
5.0
5.19
Vin = 6.0 V to 26 V, IO ≤ 100 mA,
TA = −40° to +125°C
4.50
5.50
4.75
5.25
Line Regulation
Regline
mV
Vin = 9.0 V to 16 V
2.0
10
2.0
10
Vin = 6.0 V to 26 V
4.0
30
4.0
30
Load Regulation (IO = 5.0 mA to 100 mA)
Regload
14
50
14
50
mV
Output Impedance
ZO
mW
IO = 10 mA, DIO = 1.0 mA, f = 100 Hz to
10 kHz
200
200
Bias Current
IB
mA
Vin = 14 V, IO = 100 mA, TA = 25°C
5.8
30
5.8
30
Vin = 6.0 V to 26 V, IO = 10 mA, TA = −40° to
+125°C
0.4
1.0
0.4
1.0
Output Noise Voltage (f = 10 Hz to 100 kHz)
Vn
700
700
mVrms
Long Term Stability
S
20
20
mV/kHR
Ripple Rejection (f = 120 Hz)
RR
60
90
60
90
dB
Dropout Voltage
VI−VO
V
IO = 10 mA
0.015
0.2
0.015
0.2
IO = 100 mA
0.16
0.6
0.16
0.6
Over−Voltage Shutdown Threshold
Vth(OV)
26
29.5
40
26
29.5
40
V
Output Voltage with Reverse Polarity Input
(Vin = −15 V)
−VO
−0.3
0
−0.3
0
V
5. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
6. NCV devices are qualified for automotive use.


Similar Part No. - LM2931CD2TR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2931CD2TR4G ONSEMI-LM2931CD2TR4G Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
More results

Similar Description - LM2931CD2TR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_13 Datasheet
329Kb / 23P
   100 mA, Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection
April, 2013 ??Rev. 26
LM2931 ONSEMI-LM2931_07 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com