Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317LBDR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM317LBDR2G
Description  100 mA Adjustable Output, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317LBDR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LM317LBDR2G Datasheet HTML 2Page - ON Semiconductor LM317LBDR2G Datasheet HTML 3Page - ON Semiconductor LM317LBDR2G Datasheet HTML 4Page - ON Semiconductor LM317LBDR2G Datasheet HTML 5Page - ON Semiconductor LM317LBDR2G Datasheet HTML 6Page - ON Semiconductor LM317LBDR2G Datasheet HTML 7Page - ON Semiconductor LM317LBDR2G Datasheet HTML 8Page - ON Semiconductor LM317LBDR2G Datasheet HTML 9Page - ON Semiconductor LM317LBDR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LM317L, NCV317LB
http://onsemi.com
6
Figure 10. Minimum Operating Current
Figure 11. Ripple Rejection versus Frequency
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
010
20
30
40
Vin-Vout, INPUT-OUTPUT VOLTAGE DIFFERENTIAL (V)
TJ = 55°C
TJ = 25°C
TJ = 150°C
100
90
80
70
60
50
40
30
20
10
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
IL = 40 mA
Vin = 5.0 V ± 1.0 VPP
Vout = 1.25 V
Figure 12. Temperature Stability
Figure 13. Adjustment Pin Current
Figure 14. Line Regulation
Figure 15. Output Noise
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
1.260
1.250
1.240
1.230
1.220
Vin = 4.2 V
Vout = Vref
IL = 5.0 mA
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
80
70
65
60
55
50
45
40
35
Vin = 6.25 V
Vout = Vref
IL = 10 mA
IL = 100 mA
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
Vin = 4.25 V to 41.25 V
Vout = Vref
IL = 5 mA
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
10
8.0
6.0
4.0
Bandwidth 100 Hz to 10 kHz


Similar Part No. - LM317LBDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317LBDR2G ONSEMI-LM317LBDR2G Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
LM317LBDR2G ONSEMI-LM317LBDR2G Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
More results

Similar Description - LM317LBDR2G

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Estek Electronics Co. L...
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable Output Positive VoltageRegulator
logo
Panasonic Semiconductor
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com