Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R76QD0330XX0XX Datasheet(PDF) 8 Page - Kemet Corporation

Part # R76QD0330XX0XX
Description  POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R76QD0330XX0XX Datasheet(HTML) 8 Page - Kemet Corporation

Back Button R76QD0330XX0XX Datasheet HTML 4Page - Kemet Corporation R76QD0330XX0XX Datasheet HTML 5Page - Kemet Corporation R76QD0330XX0XX Datasheet HTML 6Page - Kemet Corporation R76QD0330XX0XX Datasheet HTML 7Page - Kemet Corporation R76QD0330XX0XX Datasheet HTML 8Page - Kemet Corporation R76QD0330XX0XX Datasheet HTML 9Page - Kemet Corporation R76QD0330XX0XX Datasheet HTML 10Page - Kemet Corporation R76QD0330XX0XX Datasheet HTML 11Page - Kemet Corporation R76QD0330XX0XX Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
09/2008
123
R76
MMKP Series
polypRopylENE capacitoR WitH DoUBlE
SiDED MEtalliZED FilM ElEctRoDES D.c. aND
pUlSE applicatioNS
PRODUCT CODE:
R76
Rated
cap.
1600Vdc / 650Vac
Std dimensions
Max
dv/dt
Max K
0
part Number
b
H
L
p
(V/µs)
(V2/µs)
0.015 µF
6.0 15.0 26.5 22.5
3000
960 E4 R76TN 2150--3--
0.018 µF
6.0 15.0 26.5 22.5
3000
960 E4 R76TN 2180--3--
0.022 µF
6.0 15.0 26.5 22.5
3000
960 E4 R76TN 2220--3--
0.027 µF
6.0 15.0 26.5 22.5
3000
960 E4 R76TN 2270--3--
0.033 µF
6.0 15.0 26.5 22.5
3000
960 E4 R76TN 2330--4--
0.039 µF
7.0 16.0 26.5 22.5
3000
960 E4 R76TN 2390--4--
0.047 µF
7.0 16.0 26.5 22.5
3000
960 E4 R76TN 2470--4--
0.056 µF
8.5 17.0 26.5 22.5
3000
960 E4 R76TN 2560--4--
0.068 µF 10.0 18.5 26.5 22.5
3000
960 E4 R76TN 2680--4--
0.082 µF 10.0 18.5 26.5 22.5
3000
960 E4 R76TN 2820--4--
0.10 µF 11.0 20.0 26.5 22.5
3000
960 E4 R76TN 3100--4--
0.039 µF
9.0 17.0 32.0 27.5
2000
640 E4 R76TR 2390--3--
0.047 µF
9.0 17.0 32.0 27.5
2000
640 E4 R76TR 2470--3--
0.056 µF
9.0 17.0 32.0 27.5
2000
640 E4 R76TR 2560--3--
0.068 µF
9.0 17.0 32.0 27.5
2000
640 E4 R76TR 2680--3--
0.082 µF 11.0 20.0 32.0 27.5
2000
640 E4 R76TR 2820--3--
0.10 µF 11.0 20.0 32.0 27.5
2000
640 E4 R76TR 3100--3--
0.12 µF 13.0 22.0 32.0 27.5
2000
640 E4 R76TR 3120--3--
0.15 µF 13.0 25.0 32.0 27.5
2000
640 E4 R76TR 3150--4--
0.18 µF 14.0 28.0 32.0 27.5
2000
640 E4 R76TR 3180--4--
0.22 µF 18.0 33.0 32.0 27.5
2000
640 E4 R76TR 3220--3--
0.27 µF 18.0 33.0 32.0 27.5
2000
640 E4 R76TR 3270--3--
0.33 µF 18.0 33.0 32.0 27.5
2000
640 E4 R76TR 3330--3--
0.39 µF 22.0 37.0 32.0 27.5
2000
640 E4 R76TR 3390--3--
0.47 µF 22.0 37.0 32.0 27.5
2000
640 E4 R76TR 3470--3--
0.082 µF 11.0 22.0 41.5 37.5
1200
384 E4 R76TW 2820--3--
0.10 µF 11.0 22.0 41.5 37.5
1200
384 E4 R76TW 3100--3--
0.12 µF 11.0 22.0 41.5 37.5
1200
384 E4 R76TW 3120--3--
0.15 µF 11.0 22.0 41.5 37.5
1200
384 E4 R76TW 3150--3--
0.18 µF 13.0 24.0 41.5 37.5
1200
384 E4 R76TW 3180--3--
0.22 µF 13.0 24.0 41.5 37.5
1200
384 E4 R76TW 3220--3--
0.27 µF 13.0 24.0 41.5 37.5
1200
384 E4 R76TW 3270--3--
0.33 µF 16.0 28.5 41.5 37.5
1200
384 E4 R76TW 3330--3--
0.39 µF 16.0 28.5 41.5 37.5
1200
384 E4 R76TW 3390--3--
0.47 µF 19.0 32.0 41.5 37.5
1200
384 E4 R76TW 3470--3--
0.56 µF 20.0 40.0 41.5 37.5
1200
384 E4 R76TW 3560--3--
0.68 µF 20.0 40.0 41.5 37.5
1200
384 E4 R76TW 3680--3--
0.82 µF 24.0 44.0 41.5 37.5
1200
384 E4 R76TW 3820--3--
1.0
µ
F 24.0 44.0 41.5 37.5
1200
384 E4 R76TW 4100--3--
1.2
µ
F 30.0 45.0 41.5 37.5
1200
384 E4 R76TW 4120--3--
Rated
cap.
1600Vdc / 650Vac
Std dimensions
Max
dv/dt
Max K
0
part Number
b
H
L
p
(V/µs)
(V2/µs)
3300 pF
4.0 10.0 18.0 15.0
6000
1900 E4 R76TI1330--4--
3300 pF
5.0 11.0 18.0 15.0
6000
1900 E4 R76TI1330--3--
3900 pF
4.0 10.0 18.0 15.0
6000
1900 E4 R76TI1390--4--
3900 pF
5.0 11.0 18.0 15.0
6000
1900 E4 R76TI1390--3--
4700 pF
4.0 10.0 18.0 15.0
6000
1900 E4 R76TI1470--4--
4700 pF
5.0 11.0 18.0 15.0
6000
1900 E4 R76TI1470--3--
5600 pF
4.0 10.0 18.0 15.0
6000
1900 E4 R76TI1560--4--
5600 pF
5.0 11.0 18.0 15.0
6000
1900 E4 R76TI1560--3--
6800 pF
5.0 11.0 18.0 15.0
6000
1900 E4 R76TI1680--3--
8200 pF
5.0 11.0 18.0 15.0
6000
1900 E4 R76TI1820--4--
0.010 µF
5.0 11.0 18.0 15.0
6000
1900 E4 R76TI2100--4--
0.012 µF
6.0 12.0 18.0 15.0
6000
1900 E4 R76TI2120--4--
0.015 µF
6.0 12.0 18.0 15.0
6000
1900 E4 R76TI2150--4--
0.018 µF
7.5 13.5 18.0 15.0
6000
1900 E4 R76TI2180--4--
0.018 µF
9.0 12.5 18.0 15.0
6000
1900 E4 R76TI2180--7--
0.022 µF
7.5 13.5 18.0 15.0
6000
1900 E4 R76TI2220--4--
0.022 µF 13.0 12.0 18.0 15.0
6000
1900 E4 R76TI2220--7--
0.027 µF
8.5 14.5 18.0 15.0
6000
1900 E4 R76TI2270--4--
0.033 µF
8.5 14.5 18.0 15.0
6000
1900 E4 R76TI2330--4--
All dimensions are in mm.
Note: If the working voltage (V) is lower than the rated voltage (V
r), the capacitor may work at higher dv/dt. In this
case the maximum value allowed is obtained multiplying the above value (see table dv/dt) with the ratio V
r /V. The pulse
characteristic K
0 depends on the voltage wave-form and in any case it cannot overcome the value given in the above table.
The dv/dt test is carried out at 2 times the above values.
Mechanical version and packaging (Table1)
Internal use
Tolerance: H (±2.5%); J (±5%); K (±10%)
Mechanical version and packaging (Table1)
Internal use
Tolerance: H (±2.5%); J (±5%); K (±10%)
2 sections
(1600Vdc)
double sided metallized
polyester carrier film
polypropylene film
dielectric
single sided metallized
polypropylene film


Similar Part No. - R76QD0330XX0XX

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76QD0220SE00J KEMET-R76QD0220SE00J Datasheet
55Kb / 1P
   Capacitor, film, 220 pF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=7.5 mm
R76QD0220SE00J KEMET-R76QD0220SE00J_17 Datasheet
54Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, R76, 220 pF, 5%, 1,000 V, 85C, Lead Spacing = 7.5mm
R76QD0470SE00J KEMET-R76QD0470SE00J Datasheet
55Kb / 1P
   Capacitor, film, 470 pF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=7.5 mm
R76QD0470SE00K KEMET-R76QD0470SE00K Datasheet
54Kb / 1P
   R76, Film, Double Metallized Polypropylene, Commercial Grade, 470 pF, 10%, 1,000 V, 85C, Lead Spacing = 7.5mm
More results

Similar Description - R76QD0330XX0XX

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
logo
Surge Components
C82 SURGE-C82 Datasheet
6Mb / 16P
   Double sided metallized polypropylene structure
C84 SURGE-C84 Datasheet
2Mb / 13P
   Double sided metallized polypropylene structure
logo
jb Capacitors Company
JFQ JBCAPACITORS-JFQ Datasheet
810Kb / 7P
   Box Type Double Sided Met Polypropylene Film Capacitor
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com