Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R76PW3390XX3XX Datasheet(PDF) 5 Page - Kemet Corporation

Part # R76PW3390XX3XX
Description  POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R76PW3390XX3XX Datasheet(HTML) 5 Page - Kemet Corporation

  R76PW3390XX3XX Datasheet HTML 1Page - Kemet Corporation R76PW3390XX3XX Datasheet HTML 2Page - Kemet Corporation R76PW3390XX3XX Datasheet HTML 3Page - Kemet Corporation R76PW3390XX3XX Datasheet HTML 4Page - Kemet Corporation R76PW3390XX3XX Datasheet HTML 5Page - Kemet Corporation R76PW3390XX3XX Datasheet HTML 6Page - Kemet Corporation R76PW3390XX3XX Datasheet HTML 7Page - Kemet Corporation R76PW3390XX3XX Datasheet HTML 8Page - Kemet Corporation R76PW3390XX3XX Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
09/2008
120
R76
MMKP Series
polypRopylENE capacitoR WitH DoUBlE
SiDED MEtalliZED FilM ElEctRoDES D.c. aND
pUlSE applicatioNS
PRODUCT CODE:
R76
Rated
cap.
630Vdc / 400Vac
Std dimensions
Max
dv/dt
Max K
0
part Number
b
H
L
p
(V/µs)
(V2/µs)
3900 pF
4.0
9.0 13.0 10.0
3000
378 E4
R76PF1390
--0--
4700 pF
4.0
9.0 13.0 10.0
3000
378 E4
R76PF1470
--0--
5600 pF
4.0
9.0 13.0 10.0
3000
378 E4
R76PF1560
--0--
6800 pF
4.0
9.0 13.0 10.0
3000
378 E4
R76PF1680
--0--
8200 pF
4.0
9.0 13.0 10.0
3000
378 E4
R76PF1820
--0--
0.010 µF
5.0 11.0 13.0 10.0
3000
378 E4
R76PF2100
--3--
0.012 µF
5.0 11.0 13.0 10.0
3000
378 E4
R76PF2120
--3--
0.015 µF
6.0 12.0 13.0 10.0
3000
378 E4
R76PF2150
--3--
0.018 µF
6.0 12.0 13.0 10.0
3000
378 E4
R76PF2180
--3--
0.012 µF
5.0 11.0 18.0 15.0
2500
315 E4
R76PI 2120
--0--
0.015 µF
5.0 11.0 18.0 15.0
2500
315 E4
R76PI 2150
--0--
0.018 µF
5.0 11.0 18.0 15.0
2500
315 E4
R76PI 2180
--0--
0.022 µF
5.0 11.0 18.0 15.0
2500
315 E4
R76PI 2220
--3--
0.027 µF
5.0 11.0 18.0 15.0
2500
315 E4
R76PI 2270
--3--
0.033 µF
6.0 12.0 18.0 15.0
2500
315 E4
R76PI 2330
--3--
0.039 µF
6.0 12.0 18.0 15.0
2500
315 E4
R76PI 2390
--3--
0.047 µF
7.5 13.5 18.0 15.0
2500
315 E4
R76PI 2470
--3--
0.047 µF
9.0 12.5 18.0 15.0
2500
315 E4
R76PI 2470
--7--
0.056 µF
7.5 13.5 18.0 15.0
2500
315 E4
R76PI 2560
--3--
0.056 µF
9.0 12.5 18.0 15.0
2500
315 E4
R76PI 2560
--7--
0.068 µF
8.5 14.5 18.0 15.0
2500
315 E4
R76PI 2680
--3--
0.068 µF
9.0 12.5 18.0 15.0
2500
315 E4
R76PI 2680
--7--
0.082 µF
8.5 14.5 18.0 15.0
2500
315 E4
R76PI 2820
--3--
0.082 µF 13.0 12.0 18.0 15.0
2500
315 E4
R76PI 2820
--7--
0.10 µF 10.0 16.0 18.0 15.0
2500
315 E4
R76PI 3100
--3--
0.12 µF 11.0 19.0 18.0 15.0
2500
315 E4
R76PI 3120
--3--
0.047 µF
6.0 15.0 26.5 22.5
1500
189 E4
R76PN 2470
--0--
0.056 µF
6.0 15.0 26.5 22.5
1500
189 E4
R76PN 2560
--0--
0.068 µF
6.0 15.0 26.5 22.5
1500
189 E4
R76PN 2680
--0--
0.082 µF
6.0 15.0 26.5 22.5
1500
189 E4
R76PN 2820
--3--
0.10 µF
6.0 15.0 26.5 22.5
1500
189 E4
R76PN 3100
--3--
0.12 µF
7.0 16.0 26.5 22.5
1500
189 E4
R76PN 3120
--3--
0.15 µF
8.5 17.0 26.5 22.5
1500
189 E4
R76PN 3150
--3--
0.18 µF
8.5 17.0 26.5 22.5
1500
189 E4
R76PN 3180
--3--
0.22 µF 10.0 18.5 26.5 22.5
1500
189 E4
R76PN 3220
--3--
0.27 µF 11.0 20.0 26.5 22.5
1500
189 E4
R76PN 3270
--3--
0.33 µF 11.0 20.0 26.5 22.5
1500
189 E4
R76PN 3330
--3--
0.39 µF 13.0 22.0 26.5 22.5
1500
189 E4
R76PN 3390
--3--
Rated
cap.
630Vdc / 400Vac
Std dimensions
Max
dv/dt
Max K
0
part Number
b
H
L
p
(V/µs)
(V2/µs)
0.15 µF
9.0 17.0 32.0 27.5
900
113 E4
R76PR 3150
--3--
0.18 µF
9.0 17.0 32.0 27.5
900
113 E4
R76PR 3180
--3--
0.22 µF
9.0 17.0 32.0 27.5
900
113 E4
R76PR 3220
--3--
0.27 µF
9.0 17.0 32.0 27.5
900
113 E4
R76PR 3270
--3--
0.33 µF 11.0 20.0 32.0 27.5
900
113 E4
R76PR 3330
--4--
0.39 µF 11.0 20.0 32.0 27.5
900
113 E4
R76PR 3390
--3--
0.47 µF 13.0 22.0 32.0 27.5
900
113 E4
R76PR 3470
--3--
0.56 µF 13.0 22.0 32.0 27.5
900
113 E4
R76PR 3560
--3--
0.68 µF 13.0 25.0 32.0 27.5
900
113 E4
R76PR 3680
--4--
0.82 µF 14.0 28.0 32.0 27.5
900
113 E4
R76PR 3820
--3--
1.0
µ
F 18.0 33.0 32.0 27.5
900
113 E4
R76PR 4100
--3--
1.2
µ
F 18.0 33.0 32.0 27.5
900
113 E4
R76PR 4120
--3--
1.5
µ
F 22.0 37.0 32.0 27.5
900
113 E4
R76PR 4150
--3--
1.8
µ
F 22.0 37.0 32.0 27.5
900
113 E4
R76PR 4180
--3--
0.33 µF 11.0 22.0 41.5 37.5
450
56 E4
R76PW3330
--3--
0.39 µF 11.0 22.0 41.5 37.5
450
56 E4
R76PW3390
--3--
0.47 µF 11.0 22.0 41.5 37.5
450
56 E4
R76PW3470
--3--
0.56 µF 11.0 22.0 41.5 37.5
450
56 E4
R76PW3560
--3--
0.68 µF 11.0 22.0 41.5 37.5
450
56 E4
R76PW3680
--3--
0.82 µF 13.0 24.0 41.5 37.5
450
56 E4
R76PW3820
--3--
1.0
µ
F 16.0 28.5 41.5 37.5
450
56 E4
R76PW4100
--3--
1.2
µ
F 16.0 28.5 41.5 37.5
450
56 E4
R76PW4120
--3--
1.5
µ
F 16.0 28.5 41.5 37.5
450
56 E4
R76PW4150
--3--
1.8
µ
F 19.0 32.0 41.5 37.5
450
56 E4
R76PW4180
--3--
2.2
µ
F 20.0 40.0 41.5 37.5
450
56 E4
R76PW4220
--3--
2.7
µ
F 20.0 40.0 41.5 37.5
450
56 E4
R76PW4270
--3--
3.3
µ
F 24.0 44.0 41.5 37.5
450
56 E4
R76PW4330
--3--
3.9
µ
F 30.0 45.0 41.5 37.5
450
56 E4
R76PW4390
--3--
4.7
µ
F 30.0 45.0 41.5 37.5
450
56 E4
R76PW4470
--3--
5.6
µ
F 30.0 45.0 41.5 37.5
450
56 E4
R76PW4560
--3--
All dimensions are in mm.
Note: If the working voltage (V) is lower than the rated
voltage (V
r), the capacitor may work at higher dv/dt.
In this case the maximum value allowed is obtained
multiplying the above value (see table dv/dt) with the
ratio V
r /V.
The pulse characteristic K
0 depends on the voltage
wave-form and in any case it cannot overcome the
value given in the above table. The dv/dt test is
carried out at 2 times the above values.
2 sections
(630Vdc/400Vac)
double sided metallized
polyester carrier film
polypropylene film
dielectric
single sided metallized
polypropylene film
Mechanical version and packaging (Table1)
Internal use
Tolerance: H (±2.5%); J (±5%); K (±10%)
Mechanical version and packaging (Table1)
Internal use
Tolerance: H (±2.5%); J (±5%); K (±10%)


Similar Part No. - R76PW3390XX3XX

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76PW1680SE00H KEMET-R76PW1680SE00H Datasheet
2Mb / 26P
   Polypropylene Pulse/High Frequency Capacitors
R76PW1680SE00J KEMET-R76PW1680SE00J Datasheet
2Mb / 26P
   Polypropylene Pulse/High Frequency Capacitors
R76PW1680SE00K KEMET-R76PW1680SE00K Datasheet
2Mb / 26P
   Polypropylene Pulse/High Frequency Capacitors
R76PW1680SE10H KEMET-R76PW1680SE10H Datasheet
2Mb / 26P
   Polypropylene Pulse/High Frequency Capacitors
R76PW1680SE10J KEMET-R76PW1680SE10J Datasheet
2Mb / 26P
   Polypropylene Pulse/High Frequency Capacitors
More results

Similar Description - R76PW3390XX3XX

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
logo
Surge Components
C82 SURGE-C82 Datasheet
6Mb / 16P
   Double sided metallized polypropylene structure
C84 SURGE-C84 Datasheet
2Mb / 13P
   Double sided metallized polypropylene structure
logo
jb Capacitors Company
JFQ JBCAPACITORS-JFQ Datasheet
810Kb / 7P
   Box Type Double Sided Met Polypropylene Film Capacitor
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com