Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MGS13002D Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MGS13002D
Description  Insulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

   
 4 page
background image
MGS13002D
4
Motorola IGBT Device Data
Figure 7. Capacitance Variation
Figure 8. Gate–To–Emitter Voltage versus
Total Charge
Figure 9. Total Switching Losses versus
Collector Current
Figure 10. Total Switching Losses versus
Case Temperature
Figure 11. Minimum Turn–Off
Safe Operating Area
20
25
0
VCE, COLLECTOR–TO–EMITTER VOLTAGE (VOLTS)
150
100
50
Qg, TOTAL GATE CHARGE (nC)
6
0
10
5
0
2.0
0
IC, COLLECTOR CURRENT (AMPS)
60
40
30
20
10
0
TC, CASE TEMPERATURE (°C)
50
25
20
15
10
5
0
1.5
100
300
0
VCE, COLLECTOR–TO–EMITTER VOLTAGE (VOLTS)
2.5
2.0
1.5
1.0
0.5
0
200
0
10
515
7
12
34
5
15
0.5
1.0
75
100
150
400
600
500
50
125
VCE = 300 V
VGE = 15 V
IC = 0.3 A
TC = 25°C
TC = 25°C
VGE = 0 V
Cies
Coes
Cres
L = 3.0 mH
VCC = 300 V
VGE = 15 V
RG = 25 W
dV/dt = 1.0 kV/
ms
TJ = 125°C
25
°C
L = 3.0 mH
VCC = 300 V
VGE = 15 V
RG = 25 W
dV/dt = 1.0 kV/
ms
IC = 0.7 A
0.3 A
TC = 125°C
VGE = 15 V
RG = 25 W
L = 3.0 mH




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MTM55N10N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR 1 2 3 4 5 Motorola, Inc
IRG4PC50FPBFFast Speed IGBT - INSULATED GATE BIPOLAR TRANSISTOR 1 2 3 4 5 MoreInternational Rectifier
IRG4PC60F-PPBFINSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT 1 2 3 4 5 MoreInternational Rectifier
IRGP4063DPBFINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
IRG4PH30KPBFINSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated Ultrafast IGBT 1 2 3 4 5 MoreInternational Rectifier
IRG4MC30FFast Speed IGBT - INSULATED GATE BIPOLAR TRANSISTOR 1 2 3 4 5 MoreInternational Rectifier
IRG4BC15UD-SPBFINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIOD 1 2 3 4 5 MoreInternational Rectifier
IRG4BC20SD-SPBFINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIOD 1 2 3 4 5 MoreInternational Rectifier
IRC4BC40FINSULATED GATE BIPOLAR TRANSISTOR 1 2 3 4 5 MoreInternational Rectifier
IRGPC60KINSULATED GATE BIPOLAR TRANSISTOR 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl