Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGF20F Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # EGF20F
Description  SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

EGF20F Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  EGF20F Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd EGF20F Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-1000V 2.0A
EGF20A THRU EGF20M
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
SUPER FAST RECTIFIER
GPRC( Glass Passivated Rectifier Chip) inside
Glass passivated cavity-free junction
For Surface Mount Applications
Easy to pick and place
Low forward voltage drop,High current capability
High surge current capability
Super fast recovery time
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : JEDEC DO-214AA molded plastic over passivated chip
Terminals : Solder plated , solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position : Any
Weight : 0.003 ounes , 0.093 gram
(Rating at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,60HZ,resistive or inductive
load. For capacitive load,derate current by 20%.)
Note: 1.Test conditions: IF=0.5A,IR=1.0A,IRR=0.25A.
2.Measured at 1MHZ and applied reverse voltage of 4.0 Volts.
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
CJ
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
0.375"(9.5mm)lead Length at Ta=55 C
Maximum Instantaneous Forward Voltage
at 1.0 A
Operating Junction and Storage Temperature
Range
Maximum Reverse Recovery Time(Note1)
Typical Junction Capacitance(Note2)
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
-65 to+125
-65 to+150
100
50
45
5.0
TJ
50
50
35
100
100
70
300
300
210
65.0
0.95
1.25
Trr
2.0
TA=25 C
TA=100 C
Symbols
Volts
Volts
Volts
Volts
A
P
F
Amp
Amps
C
ns
Units
EGF
20A
EGF
20B
EGF
20D
EGF
20F
EGF
20G
EGF
20J
EGF
20K
EGF
20M
400
400
280
800
800
480
1000
1000
700
600
600
420
60.0
200
200
140
1.7
75


Similar Part No. - EGF20F

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGF20F ZOWIE-EGF20F Datasheet
64Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Jinan Jingheng (Group) ...
EGF20F JINANJINGHENG-EGF20F Datasheet
106Kb / 2P
   SUPER FAST RECTIFIER
More results

Similar Description - EGF20F

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com