Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLAU440 Datasheet(PDF) 4 Page - Texas Instruments

Part # SLAU440
Description  430BOOST-TMP006 BoosterPack
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAU440 Datasheet(HTML) 4 Page - Texas Instruments

  SLAU440 Datasheet HTML 1Page - Texas Instruments SLAU440 Datasheet HTML 2Page - Texas Instruments SLAU440 Datasheet HTML 3Page - Texas Instruments SLAU440 Datasheet HTML 4Page - Texas Instruments SLAU440 Datasheet HTML 5Page - Texas Instruments SLAU440 Datasheet HTML 6Page - Texas Instruments SLAU440 Datasheet HTML 7Page - Texas Instruments SLAU440 Datasheet HTML 8Page - Texas Instruments SLAU440 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TMP006 Information
www.ti.com
2
TMP006 Information
The TMP006 is a contactless temperature sensor that uses an infrared thermopile sensor to detect the
temperature of a target object. The TMP006 data sheet contains all relevant electrical information (both
analog and digital) pertaining to the device. The TMP006 User’s Guide answers many common questions
related to the operation of the TMP006, including critical application criteria, printed circuit board (PCB)
layout guidelines, and the equations used to calculate target object temperature.
2.1
TMP006EVM
This BoosterPack is intended to demonstrate how an MSP430 and TMP006 can integrate into one
system. To simplify this integration, the TMP006EVM is included as part of this BoosterPack kit. The
TMP006EVM hardware is well documented in the TMP006EVM User Guide; however, note that this
BoosterPack contains different software.
3
Getting Started
3.1
Requirements
TMP006 BoosterPack requires LaunchPad rev1.4 and above. See www.ti.com/launchpadwiki for more
information. TMP006 BoosterPack also requires a MSP430G2553 device, which is included. This device is
pre-programmed with the user experience firmware (see Section 5).
3.2
Configuring LaunchPad
1. LaunchPad rev1.4 and below requires cross jumpering the UART lines. See MSP-EXP430G2
LaunchPad Experimenter Board User's Guide (SLAU318) for more information.
2. For LaunchPad rev1.5, switch to hardware UART through J3 jumpers (see Figure 2).
Figure 2. J3 Jumper
3. Remove P1.6 jumper for I2C operation (see Figure 3).
Figure 3. P1.6 Jumper
4. Do not touch the TMP006 sensor.
5. Replace the existing LaunchPad device with the MSP430G2553 device inside the TMP006
BoosterPack. This device has been pre-loaded with the user experience firmware.
6. Insert BoosterPack on top of the LaunchPad.
4
430BOOST-TMP006 BoosterPack
SLAU440 – June 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - SLAU440

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLAU443 TI1-SLAU443 Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
More results

Similar Description - SLAU440

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPMT282 TI1-SPMT282 Datasheet
108Kb / 2P
[Old version datasheet]   Sensor Hub BoosterPack
C2000 TI1-C2000 Datasheet
1,013Kb / 15P
[Old version datasheet]   C2000 LED BoosterPack
BMP180 TI1-BMP180 Datasheet
394Kb / 14P
[Old version datasheet]   BOOSTXL-SENSHUB Sensor Hub BoosterPack
SWRU312B TI1-SWRU312B Datasheet
1Mb / 9P
[Old version datasheet]   AIR BoosterPack Quick Start Guide
logo
Anaren Microwave
A2530R24A ANAREN-A2530R24A_12 Datasheet
3Mb / 45P
   AIR BoosterPack User?셲 Manual
logo
Texas Instruments
C5000 TI1-C5000_14 Datasheet
957Kb / 4P
[Old version datasheet]   Ultra-Low-Power DSP Audio Capacitive Touch BoosterPack
TMP006 TI-TMP006_15 Datasheet
1Mb / 38P
[Old version datasheet]   TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
SPRT630 TI1-SPRT630 Datasheet
956Kb / 3P
[Old version datasheet]   C5000??Ultra-Low-Power DSP Audio Capacitive Touch BoosterPack
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com