Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2056Q Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA2056Q
Description  Digital CCD Camera Head Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2056Q Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA2056Q Datasheet HTML 3Page - Sony Corporation CXA2056Q Datasheet HTML 4Page - Sony Corporation CXA2056Q Datasheet HTML 5Page - Sony Corporation CXA2056Q Datasheet HTML 6Page - Sony Corporation CXA2056Q Datasheet HTML 7Page - Sony Corporation CXA2056Q Datasheet HTML 8Page - Sony Corporation CXA2056Q Datasheet HTML 9Page - Sony Corporation CXA2056Q Datasheet HTML 10Page - Sony Corporation CXA2056Q Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
– 7 –
CXA2056Q
Pin
No.
Symbol
Pin voltage
Equivalent circuit
Description
24
CLPDM
Clamp pulse used to
clamp the dummy
pixel portion of the
input CCD signal.
VTH = 1.5V
145
50µA
30k
30k
1.5V
24
25
26
28
PIN
DIN
ICONT
CCD signal input.
DRVOUT output
waveform rise time
control.
When 1.5V:
Maximum rise time
When 3V:
Minimum rise time
Black level:
approx. 2.1V
1.5 to 3V
145
145
200µA
50µA
23k
26
25
7k
14k
2k
2k
15µA
15µA
145
100µA
15k
45k
28
6k
6k
2.25V
29
LIN/CH
Common input for the
composite video
signal (LIN) and high-
band chroma signal
(CH).
Clamp
potential
during
LIN mode:
approx. 1.46V
During
CH mode:
approx. 1.85V
145
50µA
25µA
200µA
11.5k
18.5k
1.85V
CH mode
100µA
LIN mode
2µA
10k
30k
VRB + 50mV
29
54k
Active: Low


Similar Part No. - CXA2056Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2050 SONY-CXA2050 Datasheet
810Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2050S SONY-CXA2050S Datasheet
810Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2054S SONY-CXA2054S Datasheet
514Kb / 38P
   US Audio Multiplexing Decoder
CXA2055P SONY-CXA2055P Datasheet
295Kb / 20P
   Preamplifier for High Resolution Computer Display
More results

Similar Description - CXA2056Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3796N SONY-CXA3796N Datasheet
373Kb / 19P
   Digital CCD Camera Head Amplifier
CXA2096N SONY-CXA2096N Datasheet
290Kb / 16P
   Digital CCD Camera Head Amplifier
CXA2006Q SONY-CXA2006Q Datasheet
341Kb / 23P
   Digital CCD Camera Head Amplifier
logo
Hamamatsu Corporation
C4880-91 HAMAMATSU-C4880-91 Datasheet
98Kb / 2P
   Digital CCD Camera
C4880-50 HAMAMATSU-C4880-50 Datasheet
119Kb / 2P
   Digital CCD Camera
C4880-20 HAMAMATSU-C4880-20 Datasheet
120Kb / 2P
   Digital CCD Camera
C4880-21 HAMAMATSU-C4880-21 Datasheet
119Kb / 2P
   Digital CCD Camera
logo
Sony Corporation
CXA1690Q SONY-CXA1690Q Datasheet
284Kb / 18P
   Head Amplifier for Digital CCD Cameras
logo
Hamamatsu Corporation
C7300-10 HAMAMATSU-C7300-10 Datasheet
74Kb / 2P
   High Performance Digital CCD Camera
C8000-10 HAMAMATSU-C8000-10 Datasheet
66Kb / 2P
   BT(Back-thinned)-CCD Digital Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com