Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW04-8V5 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BZW04-8V5
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BZW04-8V5 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  BZW04-8V5 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BZW04-8V5 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BZW04-8V5 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd BZW04-8V5 Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
5.8V-376V
40A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Transient Voltage Suppressors
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART NUMBER
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT (mA)
STAND-
OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID
(4) (µA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF
VBR (%/°C)
UNI-DIRECTIONAL
BI-DIRECTIONAL
MIN.
MAX.
BZW04P5V8
BZW04P5V8B
6.45
7.48
10.0
5.80
1000
38.0
10.5
0.057
BZW04-5V8
BZW04-5V8B
6.45
7.14
10.0
5.80
1000
38.0
10.5
0.057
BZW04P6V4
BZW04P6V4B
7.13
8.25
10.0
6.40
500
35.4
11.3
0.061
BZW04-6V4
BZW04-6V4B
7.13
7.88
10.0
6.40
500
35.4
11.3
0.061
BZW04P7V0
BZW04P7V0B
7.79
9.02
10.0
7.02
200
33.0
12.1
0.065
BZW04-7V0
BZW04-7V0B
7.79
8.61
10.0
7.02
200
33.0
12.1
0.065
BZW04P7V8
BZW04P7V8B
8.65
10.0
1.0
7.78
50
30.0
13.4
0.068
BZW04-7V8
BZW04-7V8B
8.65
9.55
1.0
7.78
50
30.0
13.4
0.073
BZW04P8V5
BZW04P8V5B
9.50
11.0
1.0
8.55
10
27.6
14.5
0.07
BZW04-8V5
BZW04-8V5B
9.50
10.5
1.0
8.55
10
27.6
14.5
0.075
BZW04P9V4
BZW04P9V4B
10.5
12.1
1.0
9.4
5.0
25.7
15.6
0.075
BZW04-9V4
BZW04-9V4B
10.5
11.6
1.0
9.4
5.0
25.7
15.6
0.075
BZW0P10
BZW0P10B
11.4
13.2
1.0
10.2
5.0
24.0
16.7
0.078
BZW04-10
BZW04-10B
11.4
12.6
1.0
10.2
5.0
24.0
16.7
0.078
BZW04P11
BZW04P11B
12.4
14.3
1.0
11.1
5.0
22.0
18.2
0.081
BZW04-11
BZW04-11B
12.4
13.7
1.0
11.1
5.0
22.0
18.2
0.081
BZW04P13
BZW04P13B
14.3
16.5
1.0
12.8
5.0
19.0
21.2
0.084
BZW04-13
BZW04-13B
14.3
15.8
1.0
12.8
5.0
19.0
21.2
0.084
BZW04P14
BZW04P14B
15.2
17.6
1.0
13.6
1.0
17.8
22.5
0.086
BZW04-14
BZW04-14B
15.2
16.8
1.0
13.6
1.0
17.8
22.5
0.086
BZW04P15
BZW04P15B
17.1
19.8
1.0
15.3
1.0
16.0
25.2
0.088
BZW04-15
BZW04-15B
17.1
18.9
1.0
15.3
1.0
16.0
25.2
0.088
BZW04P17
BZW04P17B
19.0
22.0
1.0
17.1
1.0
14.5
27.7
0.090
BZW04-17
BZW04-17B
19.0
21.0
1.0
17.1
1.0
14.5
27.7
0.090
BZW04P19
BZW04P19B
20.9
24.2
1.0
18.8
1.0
13.0
30.6
0.092
BZW04-19
BZW04-19B
20.9
23.1
1.0
18.8
1.0
13.0
30.6
0.092
BZW04P20
BZW04P20B
22.8
26.4
1.0
20.5
1.0
12.0
33.2
0.094
BZW04-20
BZW04-20B
22.8
25.2
1.0
20.5
1.0
12.0
33.2
0.094
BZW04P23
BZW04P23B
25.7
29.7
1.0
23.1
1.0
10.7
37.5
0.096
BZW04-23
BZW04-23B
25.7
28.4
1.0
23.1
1.0
10.7
37.5
0.096
BZW04P26
BZW04P26B
28.5
33.0
1.0
25.6
1.0
9.6
41.5
0.097
BZW04-26
BZW04-26B
28.5
31.5
1.0
25.6
1.0
9.6
41.5
0.097
BZW04P28
BZW04P28B
31.4
36.3
1.0
28.2
1.0
8.8
45.7
0.098
BZW04-28
BZW04-28B
31.4
34.7
1.0
28.2
1.0
8.8
45.7
0.098
BZW04P31
BZW04P31B
34.2
39.6
1.0
30.8
1.0
8.0
49.9
0.099
BZW04-31
BZW04-31B
34.2
37.8
1.0
30.8
1.0
8.0
49.9
0.099
BZW04P33
BZW04P33B
37.1
42.9
1.0
33.3
1.0
7.4
53.9
0.100
BZW04-33
BZW04-33B
37.1
41.0
1.0
33.3
1.0
7.4
53.9
0.100
BZW04P37
BZW04P37B
40.9
47.3
1.0
36.8
1.0
6.7
59.3
0.101
BZW04-37
BZW04-37B
40.9
45.2
1.0
36.8
1.0
6.7
59.3
0.101
BZW04P40
BZW04P40B
44.7
51.7
1.0
40.2
1.0
6.2
64.8
0.101
BZW04-40
BZW04-40B
44.7
49.4
1.0
40.2
1.0
6.2
64.8
0.101
BZW04P44
BZW04P44B
48.5
56.1
1.0
43.6
1.0
5.7
70.1
0.102
BZW04-44
BZW04-44B
48.5
53.6
1.0
43.6
1.0
5.7
70.1
0.102
BZW04P48
BZW04P48B
53.2
61.6
1.0
47.8
1.0
5.2
77.0
0.103
BZW04-48
BZW04-48B
53.2
58.8
1.0
47.8
1.0
5.2
77.0
0.103
BZW04P53
BZW04P53B
58.9
68.2
1.0
53.0
1.0
4.7
85.0
0.104
BZW04-53
BZW04-53B
58.9
65.1
1.0
53.0
1.0
4.7
85.0
0.104
BZW04P58
BZW04P58B
64.6
74.8
1.0
58.1
1.0
4.3
92.0
0.104
BZW04-58
BZW04-58B
64.6
71.4
1.0
58.1
1.0
4.3
92.0
0.104
BZW04P64
BZW04P64B
71.3
82.5
1.0
64.1
1.0
3.9
103
0.105
BZW04-64
BZW04P64B
71.3
78.8
1.0
64.1
1.0
3.9
103
0.105
BZW04P-5V8 THRU BZW04-376


Similar Part No. - BZW04-8V5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW04-8V5 STMICROELECTRONICS-BZW04-8V5 Datasheet
130Kb / 6P
   TRANSIL
logo
Taiwan Semiconductor Co...
BZW04-8V5 TSC-BZW04-8V5 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
BZW04-8V5 NJSEMI-BZW04-8V5 Datasheet
179Kb / 2P
   400 Watts Transient Voltage Suppressor Diodes
logo
EIC discrete Semiconduc...
BZW04-8V5 EIC-BZW04-8V5 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-8V5 VISHAY-BZW04-8V5 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
More results

Similar Description - BZW04-8V5

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com