Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ACT8999 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54ACT8999
Description  SCAN-PATH SELECTORS WITH 8-BIT BIDIRECTIONAL DATA BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP MULTIPLEXERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ACT8999 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54ACT8999 Datasheet HTML 2Page - Texas Instruments SN54ACT8999 Datasheet HTML 3Page - Texas Instruments SN54ACT8999 Datasheet HTML 4Page - Texas Instruments SN54ACT8999 Datasheet HTML 5Page - Texas Instruments SN54ACT8999 Datasheet HTML 6Page - Texas Instruments SN54ACT8999 Datasheet HTML 7Page - Texas Instruments SN54ACT8999 Datasheet HTML 8Page - Texas Instruments SN54ACT8999 Datasheet HTML 9Page - Texas Instruments SN54ACT8999 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
SN54ACT8999, SN74ACT8999
SCANPATH SELECTORS WITH 8BIT BIDIRECTIONAL DATA BUSES
SCANCONTROLLED IEEE STD 1149.1 (JTAG) TAP MULTIPLEXERS
SCAS158D − JUNE 1990 − REVISED DECEMBER 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Test-Logic-Reset
In this state, the test logic is inactive and an internal reset signal is applied to all registers in the device. During
device operation, the TAP returns to this state in no more than five TCK cycles if the test mode select (TMS)
input is high. The TMS pin has an internal pullup that forces it to a high level if it is left unconnected or if a board
defect causes it to be open circuited. The device powers up in the Test-Logic-Reset state.
Run-Test /Idle
The TAP must pass through this state before executing any test operations. The TAP may retain this state
indefinitely, and no registers are modified while in Run-Test /Idle. The 8-bit programmable up/down counter can
be operated in this state.
Select-DR-Scan, Select-IR-Scan
No specific function is performed in these states; the TAP exits either of them on the next TCK cycle.
Capture-DR
The selected data register is placed in the scan path (i.e., between TDI and TDO). Depending on the current
instruction, data may or may not be loaded or captured by that register on the rising edge of TCK, causing the
TAP state to change.
Shift-DR
In this state, data is serially shifted through the selected data register from TDI to TDO on each TCK cycle. The
first shift does not occur until the first TCK cycle after entering this state (i.e., no shifting occurs during the TCK
cycle in which the TAP changes from Capture-DR to Shift-DR or from Exit2-DR to Shift-DR). On the falling edge
of TCK in Shift-DR, TDO goes from the high-impedance state to the active state. TDO enables to the value
present in the least-significant bit of the selected data register.
Exit1-DR, Exit2-DR
These are temporary states used to end the shifting process. It is possible to return to the Shift-DR state from
either Exit1-DR or Exit2-DR without recapturing the data register. The last shift occurs on the TCK cycle in which
the TAP state changes from Shift-DR to Exit1-DR. TDO changes from the active state to the high-impedance
state on the falling edge of TCK in Exit1-DR.
Pause-DR
The TAP can remain in this state indefinitely. The Pause-DR state suspends and resumes shift operations
without loss of data.
Update-DR
If the current instruction calls for the latches in the selected data register to be updated with current data, the
latches are updated only during this state.
Capture-IR
The instruction register is preloaded with the IR status word (see Table 4) and placed in the scan path.
Shift-IR
In this state, data is serially shifted through the instruction register from TDI to TDO on each TCK cycle. The
first shift does not occur until the first TCK cycle after entering this state (i.e., no shifting occurs during the TCK
cycle in which the TAP changes from Capture-IR to Shift-IR or from Exit2-IR to Shift-IR). On the falling edge of
TCK in Shift-IR, TDO goes from the high-impedance state to the active state, and will enable to a high level.


Similar Part No. - SN54ACT8999

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT8990 TI-SN54ACT8990 Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN54ACT8990 TI-SN54ACT8990 Datasheet
308Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN54ACT8990GB TI-SN54ACT8990GB Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN54ACT8990HV TI-SN54ACT8990HV Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN54ACT8990 TI-SN54ACT8990_07 Datasheet
308Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
More results

Similar Description - SN54ACT8999

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT8997 TI-SN54ACT8997 Datasheet
335Kb / 28P
[Old version datasheet]   SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04_03 Datasheet
155Kb / 15P
   IEEE Std 1149.1 boundary-scan (JTAG) support
logo
Texas Instruments
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74ACT8994 TI-SN74ACT8994 Datasheet
157Kb / 11P
[Old version datasheet]   DIGITAL BUS MONITOR IEEE STD 1149.1 JTAG SCAN-CONTROLLED LOGIC/SIGNATURE ANALYZER
SN54LVT8996 TI-SN54LVT8996_99 Datasheet
603Kb / 41P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN54LVT8996 TI-SN54LVT8996 Datasheet
717Kb / 44P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986_07 Datasheet
885Kb / 54P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com