Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2054S Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA2054S
Description  US Audio Multiplexing Decoder
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2054S Datasheet(HTML) 5 Page - Sony Corporation

  CXA2054S Datasheet HTML 1Page - Sony Corporation CXA2054S Datasheet HTML 2Page - Sony Corporation CXA2054S Datasheet HTML 3Page - Sony Corporation CXA2054S Datasheet HTML 4Page - Sony Corporation CXA2054S Datasheet HTML 5Page - Sony Corporation CXA2054S Datasheet HTML 6Page - Sony Corporation CXA2054S Datasheet HTML 7Page - Sony Corporation CXA2054S Datasheet HTML 8Page - Sony Corporation CXA2054S Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
—5—
CXA2054S
Pin
Symbol
Pin
Equivalent circuit
Description
No.
voltage
12
13
14
15
16
17
SAD
MAININ
MAINOUT
NC
PCINT1
PCINT2
4.0 V
4.0 V
4.0 V
4.0 V
12
80k
10k
40k
2V
VCC
13
4V
53k
147
10k
VCC
VCC
14
VCC
147
VCC
×4
15k
1k
200µ
16
147
30k
22k
VCC
17
147
4k
VCC
2k
10k
10k
×2
Slave address control switch.
The slave address is selected
by changing the voltage
applied to this pin.
Input the (L+R) signal from
MAINOUT (Pin 14).
(L+R) signal output pin.
Stereo block PLL loop filter
integrating pin.
15


Similar Part No. - CXA2054S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2050 SONY-CXA2050 Datasheet
810Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2050S SONY-CXA2050S Datasheet
810Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2055P SONY-CXA2055P Datasheet
295Kb / 20P
   Preamplifier for High Resolution Computer Display
CXA2056Q SONY-CXA2056Q Datasheet
361Kb / 24P
   Digital CCD Camera Head Amplifier
More results

Similar Description - CXA2054S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2149Q SONY-CXA2149Q Datasheet
300Kb / 25P
   US Audio Multiplexing Decoder
CXA1734S SONY-CXA1734S Datasheet
471Kb / 30P
   US Audio Multiplexing Decoder
CXA2104S SONY-CXA2104S Datasheet
331Kb / 28P
   US Audio Multiplexing Decoder
CXA2174S SONY-CXA2174S Datasheet
310Kb / 29P
   US Audio Multiplexing Decoder
CXA2074Q SONY-CXA2074Q Datasheet
513Kb / 38P
   US Audio Multiplexing Decoder
CXA2094Q SONY-CXA2094Q Datasheet
386Kb / 31P
   US Audio Multiplexing Decoder
CXA2134Q SONY-CXA2134Q Datasheet
433Kb / 35P
   US Audio Multiplexing Decoder
CXA1784AS SONY-CXA1784AS Datasheet
724Kb / 38P
   US Audio Multiplexing Decoder
CXA1785AR SONY-CXA1785AR Datasheet
556Kb / 29P
   US Audio Multiplexing Decoder
CXA2064M SONY-CXA2064M Datasheet
297Kb / 21P
   US Audio Multiplexing Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com