Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2050 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA2050
Description  Y/C/RGB/D for PAL/NTSC Color TVs
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2050 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA2050 Datasheet HTML 6Page - Sony Corporation CXA2050 Datasheet HTML 7Page - Sony Corporation CXA2050 Datasheet HTML 8Page - Sony Corporation CXA2050 Datasheet HTML 9Page - Sony Corporation CXA2050 Datasheet HTML 10Page - Sony Corporation CXA2050 Datasheet HTML 11Page - Sony Corporation CXA2050 Datasheet HTML 12Page - Sony Corporation CXA2050 Datasheet HTML 13Page - Sony Corporation CXA2050 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
– 10 –
CXA2050S
CR connection for the AFC lag-lead filter.
IREF
45
L2FIL
Filter for H AFC.
Connect to GND via a capacitor.
The H phase can also be controlled from
this pin by leading current in and out of
this capacitor.
As the pin voltage rises, the picture shifts
to the left; as the pin voltage drops, the
picture shifts to the right.
46
AFCFIL
100
45
46k
1.2k
46
47
CERA
Connect the 32
× FH VCO ceramic
oscillator.
400µA
10k
47
48
50
DGND
DVCC2
Power supply for the H deflection block.
GND for the deflection block.
49
Internal reference current setting.
Connect to GND via a resistor with an
error of less than 1% (such as a metal
film resistor).
147
20k
49
51
VSFIL
Filter for V sync separation.
Connect to GND via a capacitor.
1k
51
Pin
No.
Symbol
Equivalent circuit
Description


Similar Part No. - CXA2050

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2054S SONY-CXA2054S Datasheet
514Kb / 38P
   US Audio Multiplexing Decoder
CXA2055P SONY-CXA2055P Datasheet
295Kb / 20P
   Preamplifier for High Resolution Computer Display
CXA2056Q SONY-CXA2056Q Datasheet
361Kb / 24P
   Digital CCD Camera Head Amplifier
More results

Similar Description - CXA2050

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2000Q SONY-CXA2000Q Datasheet
694Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2076Q SONY-CXA2076Q Datasheet
520Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2060BS SONY-CXA2060BS Datasheet
502Kb / 54P
   Y/C/RGB/D for PAL/NTSC/SECAM Color TVs
CXA2061S SONY-CXA2061S Datasheet
435Kb / 44P
   Y/C/RGB/D for NTSC Color TVs
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
   Y/C/JUNGLE IC FOR PAL/NTSC
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
NTE Electronics
NTE879 NTE-NTE879 Datasheet
25Kb / 3P
   Integrated Circuit RGB to PAL/NTSC Encoder for Color TV
logo
Sony Corporation
CXA2025AS SONY-CXA2025AS Datasheet
414Kb / 37P
   Y/C/RGB/Sync/Deflection for Color TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com