Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2040Q Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA2040Q
Description  I2C Bus-Compatible Video Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2040Q Datasheet(HTML) 5 Page - Sony Corporation

  CXA2040Q Datasheet HTML 1Page - Sony Corporation CXA2040Q Datasheet HTML 2Page - Sony Corporation CXA2040Q Datasheet HTML 3Page - Sony Corporation CXA2040Q Datasheet HTML 4Page - Sony Corporation CXA2040Q Datasheet HTML 5Page - Sony Corporation CXA2040Q Datasheet HTML 6Page - Sony Corporation CXA2040Q Datasheet HTML 7Page - Sony Corporation CXA2040Q Datasheet HTML 8Page - Sony Corporation CXA2040Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
– 5 –
CXA2040Q
23
CV1
4.5V
Composite video signal input.
Biased to approximately 4.5V.
Input the input signal through
capacitor. Connect protective
resistor of 220
Ω between this pin
and the capacitor.
The composite video signal input
to CV1 is also taken into the
"SYNC DETECT circuit" of which
SYNC is existed or not.
25
27
29
31
CV2
CV3
CV4
CV5
4.5V
Composite video signal input.
Biased to approximately 4.5V.
Input the input signals through
capacitors. Connect protective
resistor of 220
Ω between these
pins and the capacitors.
26
VCC
9.0V∗1
Power supply.
Apply 9.0V.
30
GND
0.0V∗1
GND.
32
2
8
10
12
14
16
18
24
28
BIAS
NC
4.5V
4.5V bias.
Attach a decoupling capacitor
between this pin and GND.
This pin cannot be used as an
external power supply.
NC (not connected).
Connect to GND.
If these NC pins are not connected
to GND, the cross talk and other
desired values indicated in the
Electrical Characteristics cannot
be obtained.
23
20k
147
28k
VCC
20k
147
28k
VCC
25
27
29
31
20k
VCC
32
22.5k
1.2k
1 Applied externally.
Pin
No.
Symbol
Pin voltage
Equivalent circuit
Description


Similar Part No. - CXA2040Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2040 SONY-CXA2040 Datasheet
257Kb / 21P
   I2C Bus-Compatible Video Switch
CXA2040AQ SONY-CXA2040AQ Datasheet
257Kb / 21P
   I2C Bus-Compatible Video Switch
More results

Similar Description - CXA2040Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2040AQ SONY-CXA2040AQ Datasheet
257Kb / 21P
   I2C Bus-Compatible Video Switch
CXA1314P SONY-CXA1314P Datasheet
287Kb / 14P
   VIDEO SWITCH COMPATIBLE WITH I2C BUS
CXA1855Q SONY-CXA1855Q Datasheet
369Kb / 19P
   I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
CXA1845Q SONY-CXA1845Q Datasheet
390Kb / 19P
   I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
CXA1114P SONY-CXA1114P Datasheet
367Kb / 20P
   AUDIO VIDEO SWITCH COMPATIBLE WITH I2C BUS
CXA2078Q SONY-CXA2078Q Datasheet
568Kb / 35P
   I2C Bus-Compatible Audio/Video Switch with Electronic Volume
CXA7002R SONY-CXA7002R Datasheet
424Kb / 47P
   I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
CXA2161R SONY-CXA2161R Datasheet
494Kb / 43P
   I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
logo
List of Unclassifed Man...
NJW1321 ETC2-NJW1321 Datasheet
167Kb / 12P
   WIDE BAND VIDEO SWITCH WITH I2C BUS
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
   I2C BUS compatible serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com