Electronic Components Datasheet Search |
|
LPC1788FBD208 Datasheet(PDF) 10 Page - NXP Semiconductors |
|
LPC1788FBD208 Datasheet(HTML) 10 Page - NXP Semiconductors |
10 / 120 page LPC178X_7X All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Preliminary data sheet Rev. 4 — 1 May 2012 10 of 120 NXP Semiconductors LPC178x/7x 32-bit ARM Cortex-M3 microcontroller Table 3. Pin description Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC pins). Symbol Description P0[0] to P0[31] I/O Port 0: Port 0 is a 32-bit I/O port with individual direction controls for each bit. The operation of port 0 pins depends upon the pin function selected via the pin connect block. P0[0] 94 U15 M10 66 [3] I; PU I/O P0[0] — General purpose digital input/output pin. I CAN_RD1 — CAN1 receiver input. O U3_TXD — Transmitter output for UART3. I/O I2C1_SDA — I2C1 data input/output (this pin does not use a specialized I2C pad). O U0_TXD — Transmitter output for UART0. P0[1] 96 T14 N11 67 [3] I; PU I/O P0[1] — General purpose digital input/output pin. O CAN_TD1 — CAN1 transmitter output. I U3_RXD — Receiver input for UART3. I/O I2C1_SCL — I2C1 clock input/output (this pin does not use a specialized I2C pad). I U0_RXD — Receiver input for UART0. P0[2] 202 C4 D5 141 [3] I; PU I/O P0[2] — General purpose digital input/output pin. O U0_TXD — Transmitter output for UART0. O U3_TXD — Transmitter output for UART3. P0[3] 204 D6 A3 142 [3] I; PU I/O P0[3] — General purpose digital input/output pin. I U0_RXD — Receiver input for UART0. I U3_RXD — Receiver input for UART3. P0[4] 168 B12 A11 116 [3] I; PU I/O P0[4] — General purpose digital input/output pin. I/O I2S_RX_SCK — I2S Receive clock. It is driven by the master and received by the slave. Corresponds to the signal SCK in the I2S-bus specification. I CAN_RD2 — CAN2 receiver input. I T2_CAP0 — Capture input for Timer 2, channel 0. - R — Function reserved. - R — Function reserved. - R — Function reserved. O LCD_VD[0] — LCD data. |
Similar Part No. - LPC1788FBD208 |
|
Similar Description - LPC1788FBD208 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |