Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2038R Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA2038R
Description  AFM Monaural Signal Processor for 8 mm VCR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2038R Datasheet(HTML) 5 Page - Sony Corporation

  CXA2038R Datasheet HTML 1Page - Sony Corporation CXA2038R Datasheet HTML 2Page - Sony Corporation CXA2038R Datasheet HTML 3Page - Sony Corporation CXA2038R Datasheet HTML 4Page - Sony Corporation CXA2038R Datasheet HTML 5Page - Sony Corporation CXA2038R Datasheet HTML 6Page - Sony Corporation CXA2038R Datasheet HTML 7Page - Sony Corporation CXA2038R Datasheet HTML 8Page - Sony Corporation CXA2038R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
—5—
CXA2038R
Pin
No.
11
12
13
14
15
Symbol
WEIGHT
NRDC
TCH
TC
NC
Pin voltage
DC
AC
1.18 V
1.68 V
0.47 V
1.1 V
Equivalent circuit
Description
NR WEIGHT time constant pin.
NR block DC monitor pin.
NR attack/recovery time
constant pins.
VCC1
GND
4.7k
11
VCC1
GND
147
1k
12
VCC1
147
150
200
10µ
GND
13
14


Similar Part No. - CXA2038R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2032Q SONY-CXA2032Q Datasheet
323Kb / 20P
   2-channel REC/PB Amplifier for 8 mm VTR
CXA2039M SONY-CXA2039M Datasheet
133Kb / 11P
   Base Band Hue/Color Control
More results

Similar Description - CXA2038R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1488R SONY-CXA1488R Datasheet
365Kb / 20P
   8 mm VCR AFM SIGNAL PROCESSOR
CXA1737R SONY-CXA1737R Datasheet
513Kb / 36P
   AFM Stereo Signal Processor for 8 mm VCR
CXA1536Q SONY-CXA1536Q Datasheet
308Kb / 16P
   8 mm VCR AFM STEREO MATRIX
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
logo
Sony Corporation
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
NTE Electronics
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
   Integrated Circuit Color Signal Processor for VCR
logo
Sanyo Semicon Device
LA7451M SANYO-LA7451M Datasheet
190Kb / 11P
   Two-Channel, Noise Reduction Processor for 8-mm VCR PCM
LA70100M SANYO-LA70100M_06 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M_07 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com