Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8182YDPSR5G Datasheet(PDF) 11 Page - ON Semiconductor

Part # CS8182YDPSR5G
Description  Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8182YDPSR5G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CS8182YDPSR5G Datasheet HTML 4Page - ON Semiconductor CS8182YDPSR5G Datasheet HTML 5Page - ON Semiconductor CS8182YDPSR5G Datasheet HTML 6Page - ON Semiconductor CS8182YDPSR5G Datasheet HTML 7Page - ON Semiconductor CS8182YDPSR5G Datasheet HTML 8Page - ON Semiconductor CS8182YDPSR5G Datasheet HTML 9Page - ON Semiconductor CS8182YDPSR5G Datasheet HTML 10Page - ON Semiconductor CS8182YDPSR5G Datasheet HTML 11Page - ON Semiconductor CS8182YDPSR5G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CS8182
http://onsemi.com
11
PACKAGE DIMENSIONS
D2PAK−5
DP SUFFIX
CASE 936AC
ISSUE A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
E
0.380
0.420
9.65
10.67
D1
0.250
−−−
6.35
−−−
A
0.170
0.180
4.32
4.57
b
0.026
0.036
0.66
0.91
c2
0.045
0.055
1.14
1.40
e
0.067 BSC
1.70 BSC
H
0.580
0.620
14.73
15.75
L1
−−−
0.066
−−−
1.68
A1
0.000
0.010
0.00
0.25
c
0.017
0.026
0.43
0.66
E
D
H
L1
b
e
D1
E1
L
0.090
0.110
2.29
2.79
M
0
8
L3
0.010 BSC
0.25 BSC
__
0
8
__
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
RECOMMENDED
DIMENSIONS: MILLIMETERS
0.424
5X
0.584
0.310
0.176
0.040
0.067
PITCH
SOLDERING FOOTPRINT*
A1
L3
B
H
L
M
DETAIL C
SEATING
PLANE
GAUGE
PLANE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH AND GATE PROTRUSIONS. MOLD FLASH
AND GATE PROTRUSIONS NOT TO EXCEED
0.005 MAXIMUM PER SIDE. THESE DIMENSIONS
TO BE MEASURED AT DATUM H.
4. THERMAL PAD CONTOUR OPTIONAL WITHIN
DIMENSIONS E, L1, D1, AND E1. DIMENSIONS
D1 AND E1 ESTABLISH A MINIMUM MOUNTING
SURFACE FOR THE THERMAL PAD.
E1
0.200
−−−
5.08
−−−
D
0.325
0.368
8.25
9.53
A
5X
M
A
M
0.13
B
E/2
c2
c
A
B SEATING
PLANE
A
A
DETAIL C
M
A
M
0.10
B
VIEW A−A


Similar Part No. - CS8182YDPSR5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8182YDPSR5G ONSEMI-CS8182YDPSR5G Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
More results

Similar Description - CS8182YDPSR5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
   Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
CS8182 ONSEMI-CS8182_16 Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com