Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGP15-800 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # AGP15-800
Description  Miniature Glass Passivated Junction Plastic Controlled Avalanche Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

AGP15-800 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  AGP15-800 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd AGP15-800 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
400V-800V
1.5A
AGP15-400 THRU AGP15-800
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
.
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• High temp. metallurgically bonded constructed rectifiers
• Controlled Avalanche characteristic combined with the
ability to dissipate reverse power
• Glass passivated cavity-free junction in DO-15 package
• 1.5 Ampere operation at TA=55°C with no thermal runaway
• Typical IR less than 0.1
µA
• Capable of meeting environmental standards of MIL-S-19500
• High temperature soldering guaranteed: 350°C/10 seconds,
0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Case: Molded plastic over glass
Terminals: Plated axial leads, solderable per
MIL-STD-202, Method 208
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.0154 oz., 0.4 g
Miniature Glass Passivated Junction
Plastic Controlled Avalanche Rectifiers
Parameter
Symbol
AGP15-400 AGP15-600 AGP15-800
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
400
600
800
V
Maximum RMS voltage
VRMS
280
420
560
V
Maximum DC blocking voltage
VDC
400
600
800
V
Maximum Peak Power Dissipation in the
Avalanch Region 20
µs Pulse
PRM
500
W
Max. Average Forward Rectified Current 0.375” (9.5mm)
IAV
1.5
A
Lead Lengths at TA = 55°C
Peak forward surge current 8.3ms single half sine-wave
IFSM
50
A
superimposed on rated load (JEDEC Method)
Maximum full load reverse current, full cycle average
0.375" (9.5mm) lead length at TA = 55°C
IR(AV)
100
µA
Typical thermal resistance (Note 1)
R
θJA
25
°C/W
Operating and storage temperature range
TJ, TSTG
–65 to +175
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Minimum Avalanche Breakdown Voltage at 100
µAVBR
450
675
880
V
Maximum Avalanche Breakdown Voltage at 100
µAVBR
750
1000
1200
V
Maximum instantaneous forward voltage at 1.5A
VF
1.1
V
Maximum reverse current at rated DC blocking voltage
IR
5.0
µA
Typical reverse recovery time IF=0.5A, IR=1.0A, Irr=0.25A
trr
2.0
µs
Typical junction capacitance at 4.0V, 1MHz
CJ
15
pF
Note:
(1) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C. Board mounted


Similar Part No. - AGP15-800

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AGP15-800 VISHAY-AGP15-800 Datasheet
30Kb / 2P
   Miniature Glass Passivated Junction Plastic Controlled Avalanche Rectifiers
08-Jul-02
AGP15-800 VISHAY-AGP15-800 Datasheet
77Kb / 4P
   Glass Passivated Junction Plastic Controlled Avalanche Rectifier
Revision: 15-Mar-11
AGP15-800 VISHAY-AGP15-800 Datasheet
78Kb / 4P
   Glass Passivated Junction Plastic Controlled Avalanche Rectifier
12-Mar-12
More results

Similar Description - AGP15-800

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AGP15 VISHAY-AGP15 Datasheet
30Kb / 2P
   Miniature Glass Passivated Junction Plastic Controlled Avalanche Rectifiers
08-Jul-02
AGP15-400 VISHAY-AGP15-400_11 Datasheet
77Kb / 4P
   Glass Passivated Junction Plastic Controlled Avalanche Rectifier
Revision: 15-Mar-11
AGP15-400 VISHAY-AGP15-400_V01 Datasheet
78Kb / 4P
   Glass Passivated Junction Plastic Controlled Avalanche Rectifier
12-Mar-12
GPP60A VISHAY-GPP60A Datasheet
52Kb / 2P
   Glass Passivated Junction Plastic Rectifiers
16-Mar-04
GP30M-E3-54 VISHAY-GP30M-E3-54 Datasheet
87Kb / 4P
   Glass Passivated Junction Plastic Rectifiers
Revision: 03-Apr-08
BY251GP VISHAY-BY251GP Datasheet
34Kb / 2P
   Glass Passivated Junction Plastic Rectifiers
17-Dec-02
logo
Pan Jit International I...
PG600A PANJIT-PG600A_09 Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
logo
Shenzhen Taychipst Elec...
GPP60A TAYCHIPST-GPP60A Datasheet
4Mb / 2P
   Glass Passivated Junction Plastic Rectifiers
logo
Pan Jit International I...
PG600A PANJIT-PG600A_07 Datasheet
62Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
logo
Shenzhen Taychipst Elec...
MPG06A TAYCHIPST-MPG06A Datasheet
2Mb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com