Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R76MD1390XX3XX Datasheet(PDF) 1 Page - Kemet Corporation

Part # R76MD1390XX3XX
Description  POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R76MD1390XX3XX Datasheet(HTML) 1 Page - Kemet Corporation

  R76MD1390XX3XX Datasheet HTML 1Page - Kemet Corporation R76MD1390XX3XX Datasheet HTML 2Page - Kemet Corporation R76MD1390XX3XX Datasheet HTML 3Page - Kemet Corporation R76MD1390XX3XX Datasheet HTML 4Page - Kemet Corporation R76MD1390XX3XX Datasheet HTML 5Page - Kemet Corporation R76MD1390XX3XX Datasheet HTML 6Page - Kemet Corporation R76MD1390XX3XX Datasheet HTML 7Page - Kemet Corporation R76MD1390XX3XX Datasheet HTML 8Page - Kemet Corporation R76MD1390XX3XX Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
09/2008
116
R76
MMKP Series
polypRopylENE capacitoR WitH DoUBlE
SiDED MEtalliZED FilM ElEctRoDES D.c. aND
pUlSE applicatioNS
typical applications: deflection circuits in TV-sets (S-
correction and fly-back tuning) and monitors, switching
spikes suppression in SMPS, lamp capacitor for electronic
ballast and compact lamps, Snubber and SCR
commutating circuits, applications with high voltage and high
current.
PRODUCT CODE:
R76
Table 1 (for more detailed information, please refer to pages 14).
Standard
packaging style
lead length
taping style
ordering code
(mm)
P
2
(mm)
Fig.
(No.)
Pitch
(mm)
(Digit 10 to 11)
AMMO-PACK
06.35
1
7.5
DQ
AMMO-PACK
12.70
2
10.0/15.0
DQ
AMMO-PACK
19.05
3
22.5
DQ
reeL Ø 355mm
06.35
1
7.5
CK
reeL Ø 355mm
12.70
2
10.0/15.0
GY
reeL Ø 500mm
12.70
2
10.0/15.0
CK
reeL Ø 500mm
19.05
3
22.5/27.5
CK
Loose, short leads
04+2
Se
Loose, long leads
(p<10mm)
17+1/-2
Z3
Loose, long leads
(p10mm)
18+1/-1
JM
Loose, long leads
(p≥15mm)
30+5
25+2/-1
40
50
Note: Ammo-pack is the preferred packaging for taped version
Loose
Taped
Pitch
Box thickness
Maximum dimensions (mm)
(mm)
(mm)
B max
H max
L max
7.5
All
B +0.1
H +0.1
L +0.2
10.0
All
B +0.2
H +0.1
L +0.2
15.0
<7.5
B +0.2
H +0.1
L +0.3
15.0
≥7.5
B +0.2
H +0.1
L +0.5
22.5
All
B +0.2
H +0.1
L +0.3
27.5
All
B +0.2
H +0.1
L +0.3
37.5
All
B +0.3
H +0.1
L +0.3
p = 7.5
p =10
15 ≤ p ≤27.5
p = 37.5
b
≤3,5 >3,5
all
all
all
Ød±0.05
0.5
0.6
0.6
0.8
1.0
All dimensions are in mm.
pRoDUct coDE SyStEM
The part number, comprising 14 digits, is formed as follows:
1 2 3
4
5
6 7 8 9 10 11 12 13 14
r 7 6
-
Digit 1 to 3
Series code.
Digit 4
d.c. rated voltage:
I = 250V
M = 400V
P = 630V
Q = 1000V
T = 1600V
U = 2000V
Digit 5
Pitch:
D=7.5 mm; F=10mm; I=15mm;
N=22.5mm; R=27.5mm; W=37.5mm.
Digit 6 to 9
Digits 7 - 8 - 9 indicate the first three digits of
Capacitance value and the 6th digit indicates
the number of zeros that must be added to
obtain the Rated Capacitance in pF.
Digit 10 to 11 Mechanical version and/or packaging (table 1)
Digit 12
Identifies the dimensions and electrical
characteristics.
Digit 13
Internal use.
Digit 14
Capacitance tolerance:
H=2.5%; J=5%; K=10%
GENERal tEcHNical Data
Dielectric: polypropylene film.
plates:
double sided metallized polyester film.
Winding: non-inductive type.
leads:
for Ø ≥ 0,6mm : tinned wire
for Ø = 0,5mm : tinned wire, low thermical conductivity
protection: plastic case, thermosetting resin filled.
Box material is solvent resistant and flame
retardant according to UL94 V0.
Marking: manufacturer’s logo, series (R76), dielectric
code (MKP), capacitance, tolerance, D.C. rated
voltage, manufacturing date code.
climatic category: 55/105/56 IEC 60068-1
operating temperature range: -55 to +105°C
Related documents: IEC 60384-16


Similar Part No. - R76MD1390XX3XX

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76MD1470SE30J KEMET-R76MD1470SE30J Datasheet
56Kb / 1P
   Capacitor, film, 4700 pF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=7.5 mm
R76MD1680SE00H KEMET-R76MD1680SE00H Datasheet
2Mb / 26P
   Polypropylene Pulse/High Frequency Capacitors
R76MD1680SE00J KEMET-R76MD1680SE00J Datasheet
2Mb / 26P
   Polypropylene Pulse/High Frequency Capacitors
R76MD1680SE00K KEMET-R76MD1680SE00K Datasheet
2Mb / 26P
   Polypropylene Pulse/High Frequency Capacitors
R76MD1680SE10H KEMET-R76MD1680SE10H Datasheet
2Mb / 26P
   Polypropylene Pulse/High Frequency Capacitors
More results

Similar Description - R76MD1390XX3XX

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
logo
Surge Components
C82 SURGE-C82 Datasheet
6Mb / 16P
   Double sided metallized polypropylene structure
C84 SURGE-C84 Datasheet
2Mb / 13P
   Double sided metallized polypropylene structure
logo
jb Capacitors Company
JFQ JBCAPACITORS-JFQ Datasheet
810Kb / 7P
   Box Type Double Sided Met Polypropylene Film Capacitor
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com