Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AC11IDRG4Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AC11IDRG4Q1
Description  TRIPLE 3-INPUT POSITIVE-AND GATE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AC11IDRG4Q1 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AC11IDRG4Q1 Datasheet HTML 1Page - Texas Instruments SN74AC11IDRG4Q1 Datasheet HTML 2Page - Texas Instruments SN74AC11IDRG4Q1 Datasheet HTML 3Page - Texas Instruments SN74AC11IDRG4Q1 Datasheet HTML 4Page - Texas Instruments SN74AC11IDRG4Q1 Datasheet HTML 5Page - Texas Instruments SN74AC11IDRG4Q1 Datasheet HTML 6Page - Texas Instruments SN74AC11IDRG4Q1 Datasheet HTML 7Page - Texas Instruments SN74AC11IDRG4Q1 Datasheet HTML 8Page - Texas Instruments SN74AC11IDRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SN74AC11-Q1
TRIPLE 3-INPUT POSITIVE-AND GATE
SCLS523A − AUGUST 2003 − REVISED APRIL 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
2
6
V
VCC = 3 V
2.1
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VIH
High level input voltage
VCC = 5.5 V
3.85
V
VCC = 3 V
0.9
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VIL
Low level input voltage
VCC = 5.5 V
1.65
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 3 V
−12
IOH
High-level output current
VCC = 4.5 V
−24
mA
IOH
High level output current
VCC = 5.5 V
−24
mA
VCC = 3 V
12
IOL
Low-level output current
VCC = 4.5 V
24
mA
IOL
Low level output current
VCC = 5.5 V
24
mA
∆t/∆v
Input transition rise or fall rate
8
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
3 V
2.9
2.99
2.9
IOH = −50 µA
4.5 V
4.4
4.49
4.4
IOH
50
µA
5.5 V
5.4
5.49
5.4
V
IOH = −12 mA
3 V
2.56
2.46
V
VOH
I
24 mA
4.5 V
3.86
3.76
V
IOH = −24 mA
5.5 V
4.86
4.76
IOH = −50 mA
5.5 V
IOH = −75 mA
5.5 V
3.85
3 V
0.002
0.1
0.1
IOL = 50 µA
4.5 V
0.001
0.1
0.1
IOL
50
µA
5.5 V
0.001
0.1
0.1
V
IOL = 12 mA
3 V
0.36
0.44
V
VOL
I
24 mA
4.5 V
0.36
0.44
V
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 50 mA
5.5 V
IOL = 75 mA
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
20
µA
Ci
VI = VCC or GND
5 V
2.6
pF
Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.


Similar Part No. - SN74AC11IDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC11IPWREP TI1-SN74AC11IPWREP Datasheet
494Kb / 10P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74AC11IDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV11A-Q1 TI1-SN74LV11A-Q1 Datasheet
225Kb / 10P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATE
SN74AC11-EP TI1-SN74AC11-EP Datasheet
494Kb / 10P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATE
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV27A TI-SN54LV27A_08 Datasheet
504Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LV27A TI-SN74LV27A Datasheet
332Kb / 13P
[Old version datasheet]   TRIPLE 3 INPUT POSITIVE NOR GATE
SN74LV27A TI-SN74LV27A_07 Datasheet
474Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com