Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AC11IPWRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AC11IPWRQ1
Description  TRIPLE 3-INPUT POSITIVE-AND GATE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AC11IPWRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AC11IPWRQ1 Datasheet HTML 1Page - Texas Instruments SN74AC11IPWRQ1 Datasheet HTML 2Page - Texas Instruments SN74AC11IPWRQ1 Datasheet HTML 3Page - Texas Instruments SN74AC11IPWRQ1 Datasheet HTML 4Page - Texas Instruments SN74AC11IPWRQ1 Datasheet HTML 5Page - Texas Instruments SN74AC11IPWRQ1 Datasheet HTML 6Page - Texas Instruments SN74AC11IPWRQ1 Datasheet HTML 7Page - Texas Instruments SN74AC11IPWRQ1 Datasheet HTML 8Page - Texas Instruments SN74AC11IPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Aug-2012
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
SN74AC11IDRG4Q1
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
SN74AC11IDRQ1
ACTIVE
SOIC
D
14
TBD
Call TI
Call TI
SN74AC11IPWRG4Q1
ACTIVE
TSSOP
PW
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
SN74AC11IPWRQ1
ACTIVE
TSSOP
PW
14
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF SN74AC11-Q1 :
Catalog: SN74AC11


Similar Part No. - SN74AC11IPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC11IPWREP TI1-SN74AC11IPWREP Datasheet
494Kb / 10P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74AC11IPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV11A-Q1 TI1-SN74LV11A-Q1 Datasheet
225Kb / 10P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATE
SN74AC11-EP TI1-SN74AC11-EP Datasheet
494Kb / 10P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATE
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV27A TI-SN54LV27A_08 Datasheet
504Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LV27A TI-SN74LV27A Datasheet
332Kb / 13P
[Old version datasheet]   TRIPLE 3 INPUT POSITIVE NOR GATE
SN74LV27A TI-SN74LV27A_07 Datasheet
474Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com