Electronic Components Datasheet Search |
|
CXA2020S Datasheet(PDF) 10 Page - Sony Corporation |
|
CXA2020S Datasheet(HTML) 10 Page - Sony Corporation |
10 / 18 page – 10 – CXA2020M/S 22 23 24 25 26 27 Cross talk SUB → MAIN Cross talk MAIN → SUB BOTH mode Cross talk SUB → MAIN BOTH mode Residual carrier SUB Residual carrier MAIN Mute volume MAIN Csm1 Cms2 Csm2 Lcs Lcm Mm 2 2 2 3 3 4 1 3 3 2 1 4 Input signal: SIG2 Calculate the level difference between the output amplitude of Pins 20 and 21 (16 and 17) (Vsm1) and the measured value (Vs2) in measurement No. 3. Csm1 = 20log (dB) (15kLPF, 1kBPF) Input signal: SIG15 Calculate the level difference between the output amplitude of Pin 20 (16) (Vms2) and the output amplitude of Pin 21 (17) (Vms3). Cms2 = 20log (dB) (15kLPF, 1kBPF) Input signal: SIG2 Calculate the level difference between the output amplitude of Pin 21 (17) (Vsm2) and the output amplitude of Pin 20 (16) (Vsm3). Csm2 = 20log (dB) (15kLPF, 1kBPF) Input signal: SIG11 Measure subcarrier component amplitude of the output of Pins 20 and 21 (16 and 17). Input signal: SIG11 Measure the subcarrier component amplitude of the output of Pins 20 and 21 (16 and 17). Input signal: SIG7 Calculate the level difference between the output amplitude of Pins 20 and 21 (16 and 17) (VMm) and the measured value (Vm3) in measurement No. 13. Mm = 20log (dB) (15kLPF, 1kBPF) Pins 20 and 21 (16 and 17) Pins 20 and 21 (16 and 17) Pins 20 and 21 (16 and 17) Pins 20 and 21 (16 and 17) Pins 20 and 21 (16 and 17) Pins 20 and 21 (16 and 17) 60 55 60 — — 70 70 58 70 10 12 80 — — — 30 20 — dB dB dB mVrms mVrms dB Vs2 Vsm1 Vms3 Vms2 Vsm3 Vsm2 Vm3 VMm No. Item Symbol SW condi- tions Bias condi- tions Conditions Measure- ment point Min. Typ. Max. Unit |
Similar Part No. - CXA2020S |
|
Similar Description - CXA2020S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |