Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2016S Datasheet(PDF) 6 Page - Sony Corporation

Part # CXA2016S
Description  Sync Identification for CRT Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2016S Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA2016S Datasheet HTML 2Page - Sony Corporation CXA2016S Datasheet HTML 3Page - Sony Corporation CXA2016S Datasheet HTML 4Page - Sony Corporation CXA2016S Datasheet HTML 5Page - Sony Corporation CXA2016S Datasheet HTML 6Page - Sony Corporation CXA2016S Datasheet HTML 7Page - Sony Corporation CXA2016S Datasheet HTML 8Page - Sony Corporation CXA2016S Datasheet HTML 9Page - Sony Corporation CXA2016S Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
—6—
CXA2016S
No.
Item
Symbol
Measurement contents
Measurement
Min.
Typ.
Max.
Unit
point
VD output
voltage
HD output
voltage
Clamp pulse
output voltage
Clamp pulse
output pulse
width
HD delay
Clamp pulse
delay
Polarity
identification
output voltage
Current
consumption
Measure VD output peak value
during V. separate sync input.
Input signal A. (tw=60 µs)
Measure HD output peak value
during sync on video input.
Input signal C. (tw=1 µs)
Measure clamp pulse output peak
value during composite sync input.
Input signal B. (tw=1 µs)
Measure clamp pulse output pulse
width during composite sync input.
Input signal B. (tw=1 µs)
Measure delay difference between
CS and HD during composite sync
input. Or the time from CS
(positive polarity) rise time (50 %)
to HD output rise time (50 %).
Input signal D.
Measure delay difference between
HD and clamp pulse during
composite sync input. Or the time
from HD output fall time (50 %) to
clamp pulse output rise time∗1 (50
%). Input signal B.
Sync signal polarity information
is output.
Measure high level voltage.
(No load)
Sync signal polarity information
is output.
Measure low level voltage.
(No load)
VCC=5 V. Measure current
consumption during no signal input.
1
2
3
4
5
6
7
8
EVD
EHD
ECP
tC
thd
tcd1
PN
PP
ICC
VD
(Pin 21)
HD
(Pin 18)
CLAMP
(Pin 13)
CLAMP
(Pin 14)
CLAMP
(Pin 13)
CLAMP
(Pin 14)
HD
(Pin 18)
CLAMP
(Pin 13)
CLAMP
(Pin 14)
PH, PV
(Pins 16
and 17)
PH, PV
(Pins 16
and 17)
VCC
(Pin 22)
High level
4.3
4.9
Low level
0.1
0.4
High level
3.3
4.2
Low level
0.3
0.5
High level
4.3
4.9
Low level
0.3
0.8
High level
4.3
4.9
Low level
0.4
0.9
260
305
380
260
310
380
75
100
5.0
30
5.0
30
4.3
0.4
26.5
45
V
V
V
V
ns
ns
ns
ns
V
V
mA
Electrical Characteristics
(Ta=25 °C, VCC=5 V. See the Electrical Characteristics Measurement Circuit.)
1 CLAMP is for the fall time.


Similar Part No. - CXA2016S

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011 CREE-CXA2011 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
CXA2011-0000-000P00F00E8 CREE-CXA2011-0000-000P00F00E8 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
CXA2011-0000-000P00F027F CREE-CXA2011-0000-000P00F027F Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
More results

Similar Description - CXA2016S

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7086 NTE-NTE7086 Datasheet
24Kb / 3P
   Integrated Circuit Sync Deflection Circuit for CRT Display
logo
Sony Corporation
CXA1616N SONY-CXA1616N Datasheet
496Kb / 20P
   Sync Discriminator for CRT Displays
logo
NEC
UPC1884 NEC-UPC1884 Datasheet
194Kb / 3P
   SYNC SIGNAL PROCESSOR FOR MULTI-SYNC DISPLAY
logo
Renesas Technology Corp
M52759SP RENESAS-M52759SP Datasheet
321Kb / 27P
   Uniformity for CRT Display Monitor
Mar 31, 2008
logo
Rohm
BR24C21 ROHM-BR24C21 Datasheet
671Kb / 12P
   ID ROM for CRT display
logo
Mitsubishi Electric Sem...
M52759SP MITSUBISHI-M52759SP Datasheet
466Kb / 25P
   UNIFORMITY FOR CRT DISPLAY MONITOR
logo
Sanyo Semicon Device
TT2076 SANYO-TT2076 Datasheet
45Kb / 3P
   For CRT display horizontal deflection output
logo
Panasonic Semiconductor
MN1227 PANASONIC-MN1227 Datasheet
592Kb / 8P
   CRT Control LSI for 60-Character Display
AN5790N PANASONIC-AN5790N Datasheet
41Kb / 4P
   Horizontal Signal Processing ICs for CRT Display
logo
Fairchild Semiconductor
KSA1381 FAIRCHILD-KSA1381 Datasheet
73Kb / 5P
   CRT Display, Video Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com