Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ABT32501 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54ABT32501
Description  36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ABT32501 Datasheet(HTML) 6 Page - Texas Instruments

  SN54ABT32501 Datasheet HTML 1Page - Texas Instruments SN54ABT32501 Datasheet HTML 2Page - Texas Instruments SN54ABT32501 Datasheet HTML 3Page - Texas Instruments SN54ABT32501 Datasheet HTML 4Page - Texas Instruments SN54ABT32501 Datasheet HTML 5Page - Texas Instruments SN54ABT32501 Datasheet HTML 6Page - Texas Instruments SN54ABT32501 Datasheet HTML 7Page - Texas Instruments SN54ABT32501 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SN54ABT32501, SN74ABT32501
36BIT UNIVERSAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCBS229B − JUNE 1992 − REVISED NOVEMBER 1994
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN54ABT32501
SN74ABT32501
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
150
0
150
MHz
tw
Pulse duration
LE high
3.3
3.3
ns
tw
Pulse duration
CLK high or low
3.3
3.3
ns
tsu
Setup time
A or B before CLK
3.5
3.5
ns
tsu
Setup time
A or B before LE
1.6
1.6
ns
th
Hold time
A or B after CLK
0
0
ns
th
Hold time
A or B after LE
1.6
1.6
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
SN54ABT32501
SN74ABT32501
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
fmax
150
150
MHz
tPLH
A or B
B or A
1.3
2.9
4.8
1.3
2.9
4.8
ns
tPHL
A or B
B or A
1.4
2.7
5.4
1.4
2.7
5.4
ns
tPLH
LEAB or LEBA
B or A
1.6
3.4
5.3
1.6
3.4
5.3
ns
tPHL
LEAB or LEBA
B or A
1.9
3.6
5.5
1.9
3.6
5.5
ns
tPLH
CLKAB or CLKBA
B or A
1.5
3.2
5.3
1.5
3.2
5.3
ns
tPHL
CLKAB or CLKBA
B or A
1.7
3.3
5.4
1.7
3.3
5.4
ns
tPZH
OEAB or OEBA
B or A
1.2
3.2
5.6
1.2
3.2
5.6
ns
tPZL
OEAB or OEBA
B or A
1.5
3.6
6
1.5
3.6
6
ns
tPHZ
OEAB or OEBA
B or A
1.8
3.6
5.9
1.8
3.6
5.9
ns
tPLZ
OEAB or OEBA
B or A
1.7
3.5
5.6
1.7
3.5
5.6
ns
† All typical values are at VCC = 5 V, TA = 25°C.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54ABT32501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT32543 TI1-SN54ABT32543 Datasheet
159Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ABT32501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH32501 TI-SN54ABTH32501 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501_06 Datasheet
182Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32245 TI-SN54ABTH32245_07 Datasheet
215Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32245 TI1-SN54ABT32245_08 Datasheet
145Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32245 TI-SN54ABTH32245 Datasheet
168Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI-SN54ABTH32543 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32543 TI1-SN54ABT32543 Datasheet
159Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI1-SN54ABTH32543_08 Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162501 TI-SN54ABT162501 Datasheet
135Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com