Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25128VE.GT3 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT25128VE.GT3
Description  128-Kb SPI Serial CMOS EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25128VE.GT3 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT25128VE.GT3 Datasheet HTML 7Page - ON Semiconductor CAT25128VE.GT3 Datasheet HTML 8Page - ON Semiconductor CAT25128VE.GT3 Datasheet HTML 9Page - ON Semiconductor CAT25128VE.GT3 Datasheet HTML 10Page - ON Semiconductor CAT25128VE.GT3 Datasheet HTML 11Page - ON Semiconductor CAT25128VE.GT3 Datasheet HTML 12Page - ON Semiconductor CAT25128VE.GT3 Datasheet HTML 13Page - ON Semiconductor CAT25128VE.GT3 Datasheet HTML 14Page - ON Semiconductor CAT25128VE.GT3 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
CAT25128
http://onsemi.com
11
READ OPERATIONS
Read from Memory Array
To read from memory, the host sends a READ instruction
followed by a 16−bit address (see Table 14 for the number
of significant address bits).
After receiving the last address bit, the CAT25128 will
respond by shifting out data on the SO pin (as shown in
Figure 9). Sequentially stored data can be read out by simply
continuing to run the clock. The internal address pointer is
automatically incremented to the next higher address as data
is shifted out. After reaching the highest memory address,
the address counter “rolls over” to the lowest memory
address, and the read cycle can be continued indefinitely.
The read operation is terminated by taking CS high.
Read Identification Page
Reading the additional 64−byte Identification Page (IP) is
achieved using the same Read command sequence as used
for Read from main memory array (Figure 9). The IPL bit
from the Status Register must be set (IPL = 1) before
attempting to read from the IP. The [A5:A0] are the address
significant bits that point to the data byte shifted out on the
SO pin. If the CS continues to be held low, the internal
address register defined by [A5:A0] bits is automatically
incremented and the next data byte from the IP is shifted out.
The byte address must not exceed the 64−byte page
boundary.
Read Status Register
To read the status register, the host simply sends a RDSR
command. After receiving the last bit of the command, the
CAT25128 will shift out the contents of the status register on
the SO pin (Figure 10). The status register may be read at
any time, including during an internal write cycle. While the
internal write cycle is in progress, the RDSR command will
output the full content of the status register (New product,
Rev. E) or the RDY (Ready) bit only (i.e., data out = FFh) for
previous product revisions C, D (Mature product). For easy
detection of the internal write cycle completion, both during
writing to the memory array and to the status register, we
recommend sampling the RDY bit only through the polling
routine. After detecting the RDY bit “0”, the next RDSR
instruction will always output the expected content of the
status register.
Figure 9. READ Timing
SCK
SI
SO
BYTE ADDRESS*
012
3456
78
9
7
6
5
4
3
2
1
0
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
21
20
22 23 24 25 26 27 28 29 30
00
00
0
1
1
Dashed Line = mode (1, 1)
A0
AN
CS
* Please check the Byte Address Table (Table 14)
0
10
Figure 10. RDSR Timing
01
2
3
4
5
6
7
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
00
0
0
0
1
0
1
Dashed Line = mode (1, 1)
CS


Similar Part No. - CAT25128VE.GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25128VE-G ONSEMI-CAT25128VE-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VE-G ONSEMI-CAT25128VE-G Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT25128VE-GT3 ONSEMI-CAT25128VE-GT3 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128VE-GT3 ONSEMI-CAT25128VE-GT3 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VE-GT3 ONSEMI-CAT25128VE-GT3 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
More results

Similar Description - CAT25128VE.GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAV25128 ONSEMI-CAV25128_18 Datasheet
279Kb / 15P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128 CATALYST-CAT24C128_07 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com