Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6243 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT6243
Description  1 Amp Adjustable CMOS LDO Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6243 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT6243 Datasheet HTML 1Page - ON Semiconductor CAT6243 Datasheet HTML 2Page - ON Semiconductor CAT6243 Datasheet HTML 3Page - ON Semiconductor CAT6243 Datasheet HTML 4Page - ON Semiconductor CAT6243 Datasheet HTML 5Page - ON Semiconductor CAT6243 Datasheet HTML 6Page - ON Semiconductor CAT6243 Datasheet HTML 7Page - ON Semiconductor CAT6243 Datasheet HTML 8Page - ON Semiconductor CAT6243 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CAT6243
http://onsemi.com
3
Table 2. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage Range (Note 1)
VIN
−0.3 to 6.0
V
Output Voltage Range
VOUT
−0.3 to 6.0
V
Enable Input Range
EN
−0.3 to 5.5 V or (VIN + 0.3),
whichever is lower
V
Adjust Input Range
ADJ
−0.3 to 5.5 V
V
Bypass Input Range
BYP
−0.3 to 5.5 V or (VIN + 0.3),
whichever is lower
V
Power Dissipation
PD
Internally Limited
mW
Maximum Junction Temperature
TJ(max)
150
°C
Storage Temperature Range
TSTG
−65 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2
kV
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Lead Temperature Soldering
Reflow (SMD Styles Only), Pb−Free Versions (Note 3)
TSLD
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating range.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating: ≤150 mA per JEDEC standard: JESD78
3. For information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D
Table 3. THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, WDFN−6, 3 x 3 mm
Thermal Resistance, Junction−to−Air: 1 in2/1 oz. copper (Note 4)
Thermal Reference, Junction−to−Case (Note 4)
RqJA
RyJL
55
10
°C/W
4. Values based on copper area of 645 mm2 (or 1 in2) of 1 oz copper thickness and FR4 PCB substrate.
Table 4. OPERATING RANGES (Note 5)
Rating
Symbol
Min
Max
Unit
Input Voltage CAT6243 (Note 6)
VIN
1.8
5.5
V
Output Current
IOUT
0.1
1000
mA
Output Voltage
VOUT
0.8
5.0
V
Ambient Temperature
TA
−40
85
°C
5. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating range.
6. Minimum VIN_MIN = 1.8 V or (VOUT + VDO), whichever is higher.
Table 5. ELECTRICAL CHARACTERISTICS (VIN = (VOUT + 1 V) or VIN_MIN, whichever is higher, CIN = 1 mF, COUT = 2.2 mF, for
typical values TA = 25°C, for Bold values TA = −40°C to 85°C; unless otherwise noted.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
INPUT / OUTPUT
VIN
Input Voltage
1.8
5.5
V
VOUT
Output Voltage Range
0.8
5.0
V
VOUT−ACC
Output Voltage Accuracy
Initial accuracy, IOUT = 1 mA
−2
2
%
VADJ
Voltage at ADJ input
0.784
0.8
0.816
V
TCOUT
Output Voltage Temp. Coefficient
25
ppm/°C
IOUT
Output Current
0.0001
1
A


Similar Part No. - CAT6243

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6243 ONSEMI-CAT6243 Datasheet
355Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
February, 2015 ??Rev. 8
CAT6243 ONSEMI-CAT6243 Datasheet
367Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
March, 2016 ??Rev. 10
CAT6243-ADJMT5T3 ONSEMI-CAT6243-ADJMT5T3 Datasheet
367Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
March, 2016 ??Rev. 10
CAT6243DCADJ-RKG ONSEMI-CAT6243DCADJ-RKG Datasheet
367Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
March, 2016 ??Rev. 10
CAT6243 ONSEMI-CAT6243_15 Datasheet
355Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
February, 2015 ??Rev. 8
More results

Similar Description - CAT6243

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6241 ONSEMI-CAT6241 Datasheet
571Kb / 17P
   1 Amp Adjustable CMOS LDO Voltage Regulator
July, 2013 ??Rev. 6
CAT6243 ONSEMI-CAT6243_15 Datasheet
355Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
February, 2015 ??Rev. 8
CAT6243 ONSEMI-CAT6243_16 Datasheet
367Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
March, 2016 ??Rev. 10
CAT6242 ONSEMI-CAT6242 Datasheet
358Kb / 14P
   1.3 Amp CMOS LDO Voltage Regulator
November, 2012 ??Rev. 4
logo
Sipex Corporation
SP317 SIPEX-SP317 Datasheet
438Kb / 13P
   3-Terminal 1 Amp Adjustable Voltage Regulator
SP317V2-L-TR SIPEX-SP317V2-L-TR Datasheet
304Kb / 13P
   3-Terminal 1 Amp Adjustable Voltage Regulator
logo
Advanced Analogic Techn...
AAT3244 ANALOGICTECH-AAT3244 Datasheet
824Kb / 15P
   300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
logo
HuaXinAn Electronics CO...
AP1151ADS HUAXINAN-AP1151ADS Datasheet
1Mb / 27P
   Input Adjustable Voltage LDO Regulator
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
AUK corp
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com