Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6220TDI.GT3 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT6220TDI.GT3
Description  300 mA Adjustable Voltage LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6220TDI.GT3 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT6220TDI.GT3 Datasheet HTML 4Page - ON Semiconductor CAT6220TDI.GT3 Datasheet HTML 5Page - ON Semiconductor CAT6220TDI.GT3 Datasheet HTML 6Page - ON Semiconductor CAT6220TDI.GT3 Datasheet HTML 7Page - ON Semiconductor CAT6220TDI.GT3 Datasheet HTML 8Page - ON Semiconductor CAT6220TDI.GT3 Datasheet HTML 9Page - ON Semiconductor CAT6220TDI.GT3 Datasheet HTML 10Page - ON Semiconductor CAT6220TDI.GT3 Datasheet HTML 11Page - ON Semiconductor CAT6220TDI.GT3 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CAT6220
http://onsemi.com
9
Table 5. THERMAL PERFORMANCE
Package
Symbol
Test Conditions
Min
Typ
Max
Unit
PACKAGE THERMAL CONDUCTIVITY COMPARISON
TSOT−23−5
qJA
1 oz Copper Thickness, 100 mm2
280
_C/W
qJC
68
TDFN−6
qJA
1 oz Copper Thickness, 100 mm2
160
_C/W
qJC
35
Figure 26. RqJA vs. PCB Copper Area
PCB COPPER AREA (mm2)
600
500
400
700
300
200
100
0
80
130
180
230
280
330
380
TSOT−5 (1 oz)
TSOT−5 (2 oz)
TDFN6 2x2.2 (2 oz)
TDFN6 2x2.2 (1 oz)
Figure 27. Thermal Characteristic as a Function of Copper Area on the PCB
COPPER AREA (mm2)
600
500
400
700
300
200
100
0
0
50
100
150
200
300
250
350
450
400
Single Heated Output PCB Traces 1 oz
Single Heated Output PCB Traces 2 oz
Equally Heated Outputs PCB Traces 1 oz
Equally Heated Outputs PCB Traces 2 oz
TDFN 2x2 mm


Similar Part No. - CAT6220TDI.GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
logo
Catalyst Semiconductor
CAT6221-JFTD-G CATALYST-CAT6221-JFTD-G Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
ON Semiconductor
CAT6221-JFTD-GT3 ONSEMI-CAT6221-JFTD-GT3 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
logo
Catalyst Semiconductor
CAT6221-JGTD-G CATALYST-CAT6221-JGTD-G Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results

Similar Description - CAT6220TDI.GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
logo
ON Semiconductor
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
   300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
logo
New Japan Radio
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
   HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com