Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6202VP2.GT3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT6202VP2.GT3
Description  500 mA / 13 V Adjustable CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6202VP2.GT3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT6202VP2.GT3 Datasheet HTML 1Page - ON Semiconductor CAT6202VP2.GT3 Datasheet HTML 2Page - ON Semiconductor CAT6202VP2.GT3 Datasheet HTML 3Page - ON Semiconductor CAT6202VP2.GT3 Datasheet HTML 4Page - ON Semiconductor CAT6202VP2.GT3 Datasheet HTML 5Page - ON Semiconductor CAT6202VP2.GT3 Datasheet HTML 6Page - ON Semiconductor CAT6202VP2.GT3 Datasheet HTML 7Page - ON Semiconductor CAT6202VP2.GT3 Datasheet HTML 8Page - ON Semiconductor CAT6202VP2.GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAT6202
http://onsemi.com
5
Table 4. ELECTRICAL CHARACTERISTICS
(VIN = VOUT + 1 V, VEN = High, IOUT = 1 mA, CIN = 1 mF, COUT = 2.2 mF, REXT = 47 kW, ambient temperature of 25°C (over recommended
operating conditions unless specified otherwise). Bold numbers apply for the entire junction temperature range.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
3.3
13.5
V
VOUT
Output Voltage
VADJ
12.5
VADJ
ADJ Voltage
1.238
1.250
1.262
V
IADJ
ADJ Input Current
0.5
2.0
mA
TCOUT
Output Voltage Temp. Coefficient
40
ppm/°C
VR−LINE
Line Regulation
VOUT + 1.0 < VIN < 13 V
−0.2
±0.1
+0.2
%/V
−0.4
+0.4
VR−LOAD
Load Regulation
IOUT = 1 mA to 500 mA
1
2.5
%
VDROP
Dropout Voltage (Note 3)
IOUT = 500 mA
250
350
mV
IGND
Ground Current
IOUT = 0 mA
100
150
mA
IOUT = 500 mA
160
300
IGND−SD
Shutdown Ground Current
VEN < 0.4 V
2
mA
PSRR
Power Supply Rejection Ratio
f = 1 kHz, CBYP = 10 nF
62
dB
f = 20 kHz, CBYP = 10 nF
52
TON
Turn−On Time
CBYP = 10 nF
700
ms
ISC
Output short circuit current
VOUT < 0.8 V
700
800
1000
mA
ILIM
Output current limit
VOUT = 0.8 VOUT (1 mA)
600
650
800
mA
CLF
Current Limit Factor
VOUT < 0.8 V
24
30
36
KV
tFD
Fault Delay
1.5
3
6
ms
VIN−UVLO
Under voltage lockout threshold
3.1
V
ESR
ROUT equivalent series resistance
5
500
mW
ENABLE INPUT
VHI
Logic High Level
VIN = 3.3 to 13 V
2
V
VLO
Logic Low Level
VIN = 3.3 to 13 V
0.4
V
IEN
Enable Input Current
VEN = 0.4 V
0.15
1
mA
VEN = VIN
3
5
THERMAL PROTECTION
TSD
Thermal Shutdown
140
°C
THYS
Thermal Hysteresis
10
°C
3. Dropout voltage is defined as the input−to−output differential at which the output voltage drops 2% below its nominal value. During test, the
input voltage stays always above the minimum 3.3 V. The given values are for VOUT = 7.5 V.


Similar Part No. - CAT6202VP2.GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
155Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
More results

Similar Description - CAT6202VP2.GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202_14 Datasheet
155Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com