Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBAS21L Datasheet(PDF) 6 Page - ON Semiconductor

Part # SBAS21L
Description  High Voltage Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBAS21L Datasheet(HTML) 6 Page - ON Semiconductor

  SBAS21L Datasheet HTML 1Page - ON Semiconductor SBAS21L Datasheet HTML 2Page - ON Semiconductor SBAS21L Datasheet HTML 3Page - ON Semiconductor SBAS21L Datasheet HTML 4Page - ON Semiconductor SBAS21L Datasheet HTML 5Page - ON Semiconductor SBAS21L Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BAS19L, NSVBAS19L, BAS20L, SBAS20L, BAS21L, SBAS21L, BAS21DW5,
SBAS21DW5
http://onsemi.com
6
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
---
0.10
---
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
SC−88A (SC−70−5/SOT−353)
CASE 419A−02
ISSUE K
mm
inches
SCALE 20:1
0.65
0.025
0.65
0.025
0.50
0.0197
0.40
0.0157
1.9
0.0748
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
BAS19LT1/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - SBAS21L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBAS21L ONSEMI-SBAS21L Datasheet
110Kb / 6P
   High Voltage Switching Diode
November, 2012 ??Rev. 15
SBAS21LT1G ONSEMI-SBAS21LT1G Datasheet
110Kb / 6P
   High Voltage Switching Diode
November, 2012 ??Rev. 15
SBAS21LT1G ONSEMI-SBAS21LT1G Datasheet
75Kb / 6P
   High Voltage Switching Diode
November, 2016 ??Rev. 18
SBAS21LT3G ONSEMI-SBAS21LT3G Datasheet
110Kb / 6P
   High Voltage Switching Diode
November, 2012 ??Rev. 15
SBAS21LT3G ONSEMI-SBAS21LT3G Datasheet
75Kb / 6P
   High Voltage Switching Diode
November, 2016 ??Rev. 18
More results

Similar Description - SBAS21L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
logo
SHENZHEN YONGERJIA INDU...
1SS245 WINNERJOIN-1SS245_15 Datasheet
129Kb / 3P
   High-voltage switching diode
logo
Leshan Radio Company
LBAS21HT1G LRC-LBAS21HT1G_15 Datasheet
606Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
LBAS20HT1G LRC-LBAS20HT1G_15 Datasheet
295Kb / 3P
   High Voltage Switching Diode
logo
ON Semiconductor
NSD350H ONSEMI-NSD350H Datasheet
59Kb / 4P
   High Voltage Switching Diode
April, 2015 ??Rev. 0
logo
Diodes Incorporated
BAV5004LP DIODES-BAV5004LP_15 Datasheet
92Kb / 4P
   HIGH VOLTAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMXD3004SR CENTRAL-CMXD3004SR Datasheet
764Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
   High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
SEMTECH ELECTRONICS LTD...
BAS521WT SEMTECH_ELEC-BAS521WT Datasheet
235Kb / 3P
   High Voltage Switching Diode
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
   High voltage switching diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com