Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS16XV2T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAS16XV2T1
Description  Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS16XV2T1 Datasheet(HTML) 2 Page - ON Semiconductor

  BAS16XV2T1_12 Datasheet HTML 1Page - ON Semiconductor BAS16XV2T1_12 Datasheet HTML 2Page - ON Semiconductor BAS16XV2T1_12 Datasheet HTML 3Page - ON Semiconductor BAS16XV2T1_12 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS16XV2T1, BAS16XV2T5, SBAS16XV2T1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
(VR = 75 V)
(VR = 75 V, TJ = 150°C)
(VR = 25 V, TJ = 150°C)
IR
1.0
50
30
mA
Reverse Breakdown Voltage
(IBR = 100 mA)
V(BR)
75
V
Forward Voltage
(IF = 1.0 mA)
(IF = 10 mA)
(IF = 50 mA)
(IF = 150 mA)
VF
715
855
1000
1250
mV
Diode Capacitance (VR = 0, f = 1.0 MHz)
CD
2.0
pF
Forward Recovery Voltage
(IF = 10 mA, tr = 20 ns)
VFR
1.75
V
Reverse Recovery Time
(IF = IR = 10 mA, RL = 50 Ω)
trr
6.0
ns
Stored Charge
(IF = 10mA to VR = 5.0V, RL = 500 Ω)
QS
45
pC
Notes: 1. A 2.0 kΩ variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
Ω
0.1
μF
D.U.T.
VR
100
μH
0.1
μF
50
Ω OUTPUT
PULSE
GENERATOR
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1.0 mA
OUTPUT PULSE
(IF = IR = 10 mA; MEASURED
at iR(REC) = 1.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit


Similar Part No. - BAS16XV2T1_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16XV2T1 ONSEMI-BAS16XV2T1_10 Datasheet
97Kb / 3P
   Switching Diode
September, 2010 ??Rev. 5
More results

Similar Description - BAS16XV2T1_12

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com