Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT541B-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT541B-Q1
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT541B-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ABT541B-Q1 Datasheet HTML 1Page - Texas Instruments SN74ABT541B-Q1 Datasheet HTML 2Page - Texas Instruments SN74ABT541B-Q1 Datasheet HTML 3Page - Texas Instruments SN74ABT541B-Q1 Datasheet HTML 4Page - Texas Instruments SN74ABT541B-Q1 Datasheet HTML 5Page - Texas Instruments SN74ABT541B-Q1 Datasheet HTML 6Page - Texas Instruments SN74ABT541B-Q1 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN74ABT541B-Q1
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCBS762A − JUNE 2003 − REVISED JANUARY 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 150 V
Using Machine Model (C = 200 pF, R = 0)
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
D Typical V
OLP (Output Ground Bounce) <1 V
at VCC = 5 V, TA = 25°C
D High-Impedance State During Power Up
and Power Down
D High-Drive Outputs (−32-mA I
OH, 64-mA IOL)
description
The SN74ABT541B octal buffer and line driver is ideal for driving bus lines or buffering memory address
registers. The device features inputs and outputs on opposite sides of the package to facilitate printed circuit
board layout.
The 3-state control gate is a two-input AND gate with active-low inputs so that if either output-enable (OE1 or
OE2) input is high, all eight outputs are in the high-impedance state.
When VCC is between 0 and 2.1 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 2.1 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
TSSOP − PW
Tape and reel
SN74ABT541BIPWRQ1
AB541IQ1
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI web site at www.ti.com.
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
FUNCTION TABLE
INPUTS
OUTPUT
OE1
OE2
A
OUTPUT
Y
L
L
L
L
L
LH
H
H
XX
Z
X
H
X
Z
Copyright
© 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE1
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE2
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8


Similar Part No. - SN74ABT541B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT541B-Q1 TI1-SN74ABT541B-Q1 Datasheet
729Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ABT541B-Q1 TI1-SN74ABT541B-Q1_16 Datasheet
729Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT541B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com