Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBAS16LT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # SBAS16LT1G
Description  Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBAS16LT1G Datasheet(HTML) 3 Page - ON Semiconductor

  SBAS16LT1G Datasheet HTML 1Page - ON Semiconductor SBAS16LT1G Datasheet HTML 2Page - ON Semiconductor SBAS16LT1G Datasheet HTML 3Page - ON Semiconductor SBAS16LT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS16LT1G, BAS16LT3G, SBAS16LT1G, SBAS16LT3G
http://onsemi.com
3
0.1
VF, FORWARD VOLTAGE (V)
0.01
10
0
VR, REVERSE VOLTAGE (V)
1.0
0.1
0.01
0.001
10
20
30
40
50
0.62
0
VR, REVERSE VOLTAGE (V)
0.60
0.56
0.50
0.48
24
6
8
Figure 2. VF vs. IF
Figure 3. IR vs. VR
Figure 4. Capacitance
0.1
1.0
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
85
°C
55
°C
150
°C
125
°C
25
°C
-40
°C
-55
°C
60
70
-40
°C
150
°C
125
°C
85
°C
55
°C
25
°C
0.52
0.54
0.58
13
5
7
85
°C
Cap


Similar Part No. - SBAS16LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBAS16LT1G ONSEMI-SBAS16LT1G Datasheet
86Kb / 4P
   Switching Diode
October, 2016 ??Rev. 12
More results

Similar Description - SBAS16LT1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com