Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1992AR Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA1992AR
Description  RF Signal Processing Servo Amplifier
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1992AR Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA1992AR Datasheet HTML 7Page - Sony Corporation CXA1992AR Datasheet HTML 8Page - Sony Corporation CXA1992AR Datasheet HTML 9Page - Sony Corporation CXA1992AR Datasheet HTML 10Page - Sony Corporation CXA1992AR Datasheet HTML 11Page - Sony Corporation CXA1992AR Datasheet HTML 12Page - Sony Corporation CXA1992AR Datasheet HTML 13Page - Sony Corporation CXA1992AR Datasheet HTML 14Page - Sony Corporation CXA1992AR Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
– 11 –
CXA1992AR
FOH threshold
FOL threshold
Offset
GAIN UP (F)
GAIN UP (E)
Voltage gain
F0
Voltage gain
F1
Voltage gain
F2
Voltage gain
F3
Voltage gain
F4
Voltage gain
E0
Voltage gain
E1
Voltage gain
E2
Voltage gain
E3
Voltage gain
E4
Max. output
voltage – High
Max. output
voltage – Low
Output voltage
1
Output voltage
2
Output voltage
3
Output voltage
4
LD OFF
T21
T22
T23
T24
T25
T26
T27
T28
T29
T30
T31
T32
T33
T34
T35
T36
T37
T38
T39
T40
T41
T42
1D, 25D, 40
1D, 26D, 40
45D
41, 45S
42, 45S
41, 45S
41, 45S
41, 45S
41, 45S
41, 45S
42, 45S
42, 45S
42, 45S
42, 45S
42, 45S
41, 45D
42, 45D
36D, 37
36D, 37
36D, 37
36, 36D
36, 36D, 37
40
40
41
42
41
42
41
41
41
41
41
42
42
42
42
42
41
42
37
37
37
37
37
39F
39F
34F
308
36F
308
36F
308
34F
34E
30F
34D
34B
347
34F
30F
00
30E
30D
30B
307
34F
308
34F
308
3C4
3C4
3C4
3C4
3C0
1
1
45
45
45
45
45
45
45
45
45
45
45
45
45
45
45
36
36
36
36
36
IFB6: ON
Pin 1 voltage when SENS1
(Pin 25) goes from High to Low
IFB6: ON
Pin 1 voltage when SENS2
(Pin 26) goes from High to Low
TOG: OFF,
BAL1, 2, 3: ON
V1 = 2 kHz, I/O ratio
TOG: OFF, BAL1, 2, 3: ON
V1 = 2 kHz, I/O ratio
TOG: OFF, BAL1, 2, 3: ON
V1 = 2kHz, TOG: OFF
I/O ratio
V1 = 2kHz, TOG1: ON
Reference to F0
V1 = 2kHz, TOG2: ON
Reference to F0
V1 = 2kHz, TOG3: ON
Reference to F0
V1 = 2kHz, TOG4: ON
Reference to F0
V1 = 2kHz, BAL: OFF
I/O ratio
V1 = 2kHz, BAL1: ON
Reference to E0
V1 = 2kHz, BAL2: ON
Reference to E0
V1 = 2kHz, BAL3: ON
Reference to E0
V1 = 2kHz, BAL4: ON
Reference to E0
V1 = 1VDC, TOG: OFF,
BAL1, 2, 3: ON
V1 = 1VDC, TOG: OFF,
BAL1, 2, 3: ON
I37 = 364µA
I37 = 439µA
I37 = 515µA
0.8mA sink
I37 = 515µA,
LD: OFF
5
–35
–25
8.6
8.6
2.5
–2.6
–4.4
–7.7
–12.2
–0.33
0.17
0.6
1.46
3.03
0.5
–900
–900
–100
–200
1.1
20
–20
0
11.6
11.6
5.5
–2.1
–3.9
–7.2
–11.7
2.67
0.47
0.9
1.76
3.33
0.7
–0.8
–694
–538
367
130
1.3
35
–5
25
14.6
14.6
8.5
–1.6
–3.4
–6.7
–11.2
5.67
0.77
1.2
2.06
3.63
–0.5
–500
–100
800
500
mV
mV
mV
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
V
V
mV
mV
mV
mV
V
TEST
Item
SW conditions
(ON switches)
SD
Input
pin
Measure-
ment pin
Measurement
conditions
Min.
Typ.
Max.
Unit


Similar Part No. - CXA1992AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1992BR SONY-CXA1992BR Datasheet
718Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
   RF Signal Processing Servo Amplifier
More results

Similar Description - CXA1992AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992BR SONY-CXA1992BR Datasheet
718Kb / 49P
   RF Signal Processing Servo Amplifier
CXA2542AQ SONY-CXA2542AQ Datasheet
616Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA1372BQ SONY-CXA1372BQ Datasheet
710Kb / 32P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542Q SONY-CXA2542Q Datasheet
696Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542AR SONY-CXA2542AR Datasheet
625Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CX20102 SONY-CX20102 Datasheet
134Kb / 9P
   PCM-RF SIGNAL PROCESSING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com