Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCAFLEX05473HH Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCAFLEX05473HH
Description  NTC Thermistors, Flex Foil Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCAFLEX05473HH Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCAFLEX05473HH Datasheet HTML 1Page - Vishay Siliconix NTCAFLEX05473HH Datasheet HTML 2Page - Vishay Siliconix NTCAFLEX05473HH Datasheet HTML 3Page - Vishay Siliconix NTCAFLEX05473HH Datasheet HTML 4Page - Vishay Siliconix NTCAFLEX05473HH Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTCAFLEX05 Series
www.vishay.com
Vishay BCcomponents
Revision: 30-May-12
2
Document Number: 29132
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL DATA
1. NTC on flex foil circuit
2. Flex foil circuit
3. High quality modified epoxy glob top
4. Conductive tracks
SAP CODIFICATION
Part Number: NTCAFLEX01473HH
MODEL
ASSEMBLY
FLEX
SENSOR
MECHANICAL
EXECUTION
RESISTANCE
VALUE
TOLERANCE
ON
R25
B-VALUE
RANGE
OPTION
NTC
A
FLEX
05
103 =
10 x 103
Ω
473 =
47 x 103
Ω
H = ± 3 %
L (low) =
3000
≤ B25/85 < 3500
M (medium) =
3500
≤ B25/85 < 3750
H (high) =
3750
≤ B25/85 < 4000
X (very high) =
4000
≤ B25/85 < 4250
Blank
DIMENSIONS in millimeters
L1
L15
L2
Ø D1
L4
L5
H1
P
20 ± 1
25 ± 1
3 ± 0.5
6 ± 0.5
4 ± 1
3 ± 1
1.40 ± 0.2
2.50
RELIABILITY TEST (following IEC 60068 test methods)
TEST
PROCEDURE
REQUIREMENT
Dry heat, steady state
125 °C; 1000 h
ΔR/R ≤ 3 %
Damp heat, steady state
56 days at 40 °C
90 % to 95 % RH
ΔR/R ≤ 3 %
Rapid change of temperature
- 40 °C to + 125 °C; 100 cycles
ΔR/R ≤ 3 %
N
T
C
A
F
L
E
X
0
5
4
7
3
H
H


Similar Part No. - NTCAFLEX05473HH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCAFLEX05473HH VISHAY-NTCAFLEX05473HH Datasheet
111Kb / 3P
   NTC Thermistors, Flex Foil Sensors
Revision: 21-Sep-17
NTCAFLEX05473HH VISHAY-NTCAFLEX05473HH Datasheet
82Kb / 3P
   NTC Thermistors, Flex Foil Sensors
01-Jan-2022
More results

Similar Description - NTCAFLEX05473HH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCAFLEX05 VISHAY-NTCAFLEX05_17 Datasheet
111Kb / 3P
   NTC Thermistors, Flex Foil Sensors
Revision: 21-Sep-17
NTCAFLEX05 VISHAY-NTCAFLEX05_V01 Datasheet
82Kb / 3P
   NTC Thermistors, Flex Foil Sensors
01-Jan-2022
NTCAFLEX05SERIES VISHAY-NTCAFLEX05SERIES Datasheet
83Kb / 3P
   NTC Thermistors, Flex Foil Sensors
01-Jan-2022
NTCACAP VISHAY-NTCACAP Datasheet
104Kb / 3P
   NTC Thermistors, Refrigerator Sensors
Revision: 03-Feb-17
NTCACAP VISHAY-NTCACAP_V01 Datasheet
102Kb / 3P
   NTC Thermistors, Refrigerator Sensors
01-Jan-2022
23226333 VISHAY-23226333 Datasheet
81Kb / 6P
   NTC Thermistors, High Temperature Sensors
Revision: 10-Oct-03
232264510 VISHAY-232264510 Datasheet
46Kb / 2P
   NTC Thermistors, Long Lead Sensors
Revision: 10-Oct-03
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 08-Aug-12
232264090042 VISHAY-232264090042 Datasheet
50Kb / 2P
   NTC Thermistors, Steel Capped Sensors
Revision: 10-Oct-03
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 12-Oct-2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com