Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAL99LT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAL99LT1G
Description  Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAL99LT1G Datasheet(HTML) 2 Page - ON Semiconductor

  BAL99LT1G_11 Datasheet HTML 1Page - ON Semiconductor BAL99LT1G_11 Datasheet HTML 2Page - ON Semiconductor BAL99LT1G_11 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAL99LT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
(VR = 70 Vdc)
(VR = 25 Vdc, TJ = 150°C)
(VR = 70 Vdc, TJ = 150°C)
IR
2.5
30
50
mAdc
Reverse Breakdown Voltage, (IR = 100 mAdc)
V(BR)
70
Vdc
Forward Voltage,
(IF = 1.0 mAdc)
(IF = 10 mAdc)
(IF = 50 mAdc)
(IF = 150 mAdc)
VF
715
855
1000
1250
mV
Recovery Current, (IF = 10 mAdc, VR = 5.0 Vdc, RL = 500 W)
QS
45
pC
Diode Capacitance, (VR = 0, f = 1.0 MHz)
CD
1.5
pF
Reverse Recovery Time,
(IF = IR = 10 mAdc, RL = 100 W, measured at IR = 1.0 mAdc)
trr
6.0
ns
Forward Recovery Voltage, (IF = 10 mAdc, tr = 20 ns)
VFR
1.75
Vdc
TYPICAL CHARACTERISTICS
1.0
0.2
0.4
VF, FORWARD VOLTAGE (VOLTS)
0.6
0.8
1.0
1.1
0.1
0.00001
150
°C
100
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.0001
10
20
30
40
50
0.60
0
VR, REVERSE VOLTAGE (VOLTS)
0.58
0.56
0.48
0.46
24
6
8
25
°C
-40
°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 55°C
TA = 25°C
Figure 1. Forward Voltage
Figure 2. Leakage Current
Figure 3. Capacitance
0.01
0.001
0.0001
0.3
0.5
0.7
0.9
0.1
125
°C 85°C 55°C
-55
°C
10
0.001
70
60
TA = -55°C
0.50
0.52
0.54
13
5
7


Similar Part No. - BAL99LT1G_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAL99LT1G ONSEMI-BAL99LT1G_09 Datasheet
118Kb / 3P
   Switching Diode
August, 2009 ??Rev. 5
More results

Similar Description - BAL99LT1G_11

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com