Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCALUG02A104H Datasheet(PDF) 6 Page - Vishay Siliconix

Part # NTCALUG02A104H
Description  NTC Thermistors, Low Thermal Gradient Lug Sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG02A104H Datasheet(HTML) 6 Page - Vishay Siliconix

  NTCALUG02A104H Datasheet HTML 1Page - Vishay Siliconix NTCALUG02A104H Datasheet HTML 2Page - Vishay Siliconix NTCALUG02A104H Datasheet HTML 3Page - Vishay Siliconix NTCALUG02A104H Datasheet HTML 4Page - Vishay Siliconix NTCALUG02A104H Datasheet HTML 5Page - Vishay Siliconix NTCALUG02A104H Datasheet HTML 6Page - Vishay Siliconix NTCALUG02A104H Datasheet HTML 7Page - Vishay Siliconix NTCALUG02A104H Datasheet HTML 8Page - Vishay Siliconix NTCALUG02A104H Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NTCALUG02A Series
www.vishay.com
Vishay BCcomponents
Revision: 02-Aug-12
6
Document Number: 29094
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTCALUG02A103F
NTC LUG02A 10K 1 % 3984 K 0.5 %
RESISTANCE TEMPERATURE CHARACTERISTICS
TEMP.
(°C)
R(T)/R25
RESISTANCE
(
)
R/R
(%)
(%/K)
T
(K)
Rmin.
(
)
Rmax.
(
)
- 40
33.43
334 274
2.88
- 6.63
0.43
324 643
343 906
- 35
24.13
241 323
2.70
- 6.41
0.42
234 807
247 839
- 30
17.61
176 133
2.53
- 6.19
0.41
171 683
180 582
- 25
12.99
129 900
2.36
- 5.99
0.39
126 835
132 965
- 20
9.68
96 761
2.20
- 5.79
0.38
94 633
98 889
- 15
7.276
72 765
2.05
- 5.61
0.36
71 276
74 253
- 10
5.522
55 218
1.90
- 5.43
0.35
54 170
56 266
- 5
4.227
42 268
1.75
- 5.26
0.33
41 526
43 010
0
3.262
32 624
1.62
- 5.10
0.32
32 096
33 152
5
2.538
25 381
1.49
- 4.94
0.30
25 004
25 758
10
1.990
19 897
1.36
- 4.80
0.28
19 627
20 167
15
1.571
15 711
1.23
- 4.65
0.27
15 517
15 905
20
1.249
12 493
1.12
- 4.52
0.25
12 353
12 632
25
1.000
10 000
1.00
- 4.39
0.23
9900
10 100
30
0.8056
8056
1.11
- 4.26
0.26
7966
8145
35
0.6530
6530
1.22
- 4.14
0.29
6450
6609
40
0.5324
5324
1.32
- 4.03
0.33
5253
5394
45
0.4365
4365
1.42
- 3.92
0.36
4303
4427
50
0.3599
3599
1.52
- 3.81
0.40
3544
3653
55
0.2982
2982
1.62
- 3.71
0.44
2934
3030
60
0.2484
2484
1.71
- 3.61
0.47
2441
2526
65
0.2079
2079
1.80
- 3.51
0.51
2041
2116
70
0.1748
1748
1.88
- 3.42
0.55
1715
1781
75
0.1476
1476
1.97
- 3.34
0.59
1447
1505
80
0.1252
1252
2.05
- 3.25
0.63
1226
1277
85
0.1066
1066
2.13
- 3.17
0.67
1043
1089
90
0.09116
911.6
2.21
- 3.09
0.71
891.5
931.7
95
0.07825
782.5
2.28
- 3.02
0.76
764.6
800.3
100
0.06741
674.1
2.36
- 2.94
0.80
658.2
690.0
105
0.05828
582.8
2.43
- 2.87
0.84
568.7
597.0
110
0.05057
505.7
2.50
- 2.81
0.89
493.0
518.3
115
0.04402
440.2
2.56
- 2.74
0.94
428.9
451.5
120
0.03844
384.4
2.63
- 2.68
0.98
374.3
394.5
125
0.03367
336.7
2.69
- 2.62
1.03
327.7
345.8


Similar Part No. - NTCALUG02A104H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG02A104H VISHAY-NTCALUG02A104H Datasheet
129Kb / 10P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
Revision: 17-Nov-17
More results

Similar Description - NTCALUG02A104H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG02A VISHAY-NTCALUG02A_V01 Datasheet
109Kb / 3P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
01-Jan-2022
NTCALUG02A VISHAY-NTCALUG02A_17 Datasheet
129Kb / 10P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
Revision: 17-Nov-17
NTCALUG01A VISHAY-NTCALUG01A_V01 Datasheet
110Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 08-Aug-12
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 12-Oct-2018
NTCALUG03 VISHAY-NTCALUG03 Datasheet
127Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 16-Sep-10
NTCALUG03 VISHAY-NTCALUG03_11 Datasheet
117Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 12-Apr-11
NTCALUG01T VISHAY-NTCALUG01T_19 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors, 150 °C
Revision: 30-Jan-2019
NTCALUG01A VISHAY-NTCALUG01A_17 Datasheet
91Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 17-Nov-17
NTCALUG91A VISHAY-NTCALUG91A Datasheet
108Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com