Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCALUG02A103G Datasheet(PDF) 4 Page - Vishay Siliconix

Part # NTCALUG02A103G
Description  NTC Thermistors, Low Thermal Gradient Lug Sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG02A103G Datasheet(HTML) 4 Page - Vishay Siliconix

  NTCALUG02A103G Datasheet HTML 1Page - Vishay Siliconix NTCALUG02A103G Datasheet HTML 2Page - Vishay Siliconix NTCALUG02A103G Datasheet HTML 3Page - Vishay Siliconix NTCALUG02A103G Datasheet HTML 4Page - Vishay Siliconix NTCALUG02A103G Datasheet HTML 5Page - Vishay Siliconix NTCALUG02A103G Datasheet HTML 6Page - Vishay Siliconix NTCALUG02A103G Datasheet HTML 7Page - Vishay Siliconix NTCALUG02A103G Datasheet HTML 8Page - Vishay Siliconix NTCALUG02A103G Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NTCALUG02A Series
www.vishay.com
Vishay BCcomponents
Revision: 02-Aug-12
4
Document Number: 29094
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTCALUG02A502G
NTC LUG02A 5K 2 % 3984 K 0.5 %
RESISTANCE TEMPERATURE CHARACTERISTICS
TEMP.
(°C)
R(T)/R25
RESISTANCE
(
)
R/R
(%)
(%/K)
T
(K)
Rmin.
(
)
Rmax.
(
)
- 40
33.43
167 137
3.90
- 6.63
0.59
160 619
173 655
- 35
24.13
120 661
3.72
- 6.41
0.58
116 177
125 146
- 30
17.61
88 066
3.54
- 6.19
0.57
84 947
91 185
- 25
12.99
64 950
3.37
- 5.99
0.56
62 759
67 141
- 20
9.68
48 381
3.21
- 5.79
0.55
46 827
49 934
- 15
7.276
36 382
3.06
- 5.61
0.54
35 270
37 494
- 10
5.522
27 609
2.91
- 5.43
0.54
26 807
28 411
- 5
4.227
21 134
2.76
- 5.26
0.53
20 550
21 718
0
3.262
16 312
2.62
- 5.10
0.51
15 884
16 740
5
2.538
12 691
2.49
- 4.94
0.50
12 375
13 007
10
1.990
9948
2.36
- 4.80
0.49
9714
10 183
15
1.571
7856
2.24
- 4.65
0.48
7680
8031
20
1.249
6246
2.12
- 4.52
0.47
6114
6379
25
1.000
5000
2.00
- 4.39
0.46
4900
5100
30
0.8056
4028
2.11
- 4.26
0.50
3943
4113
35
0.6530
3265
2.22
- 4.14
0.54
3192
3337
40
0.5324
2662
2.33
- 4.03
0.58
2600
2724
45
0.4365
2183
2.43
- 3.92
0.62
2130
2236
50
0.3599
1799
2.53
- 3.81
0.66
1754
1845
55
0.2982
1491
2.62
- 3.71
0.71
1452
1530
60
0.2484
1242
2.72
- 3.61
0.75
1208
1276
65
0.2079
1039
2.81
- 3.51
0.80
1010
1068
70
0.1748
873.8
2.89
- 3.42
0.85
848.5
899.1
75
0.1476
738.0
2.98
- 3.34
0.89
716.0
759.9
80
0.1252
625.9
3.06
- 3.25
0.94
606.7
645.1
85
0.1066
533.1
3.14
- 3.17
0.99
516.3
549.8
90
0.09116
455.8
3.22
- 3.09
1.04
441.1
470.5
95
0.07825
391.2
3.30
- 3.02
1.09
378.3
404.1
100
0.06741
337.1
3.37
- 2.94
1.14
325.7
348.4
105
0.05828
291.4
3.44
- 2.87
1.20
281.4
301.5
110
0.05057
252.8
3.51
- 2.81
1.25
244.0
261.7
115
0.04402
220.1
3.58
- 2.74
1.31
212.2
228.0
120
0.03844
192.2
3.65
- 2.68
1.36
185.2
199.2
125
0.03367
168.4
3.71
- 2.62
1.42
162.1
174.6


Similar Part No. - NTCALUG02A103G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG02A103G VISHAY-NTCALUG02A103G Datasheet
129Kb / 10P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
Revision: 17-Nov-17
More results

Similar Description - NTCALUG02A103G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG02A VISHAY-NTCALUG02A_V01 Datasheet
109Kb / 3P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
01-Jan-2022
NTCALUG02A VISHAY-NTCALUG02A_17 Datasheet
129Kb / 10P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
Revision: 17-Nov-17
NTCALUG01A VISHAY-NTCALUG01A_V01 Datasheet
110Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 08-Aug-12
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 12-Oct-2018
NTCALUG03 VISHAY-NTCALUG03 Datasheet
127Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 16-Sep-10
NTCALUG03 VISHAY-NTCALUG03_11 Datasheet
117Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 12-Apr-11
NTCALUG01T VISHAY-NTCALUG01T_19 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors, 150 °C
Revision: 30-Jan-2019
NTCALUG01A VISHAY-NTCALUG01A_17 Datasheet
91Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 17-Nov-17
NTCALUG91A VISHAY-NTCALUG91A Datasheet
108Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com