Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS86ADGGRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65LVDS86ADGGRQ1
Description  FlatLink??RECEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS86ADGGRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDS86ADGGRQ1 Datasheet HTML 1Page - Texas Instruments SN65LVDS86ADGGRQ1 Datasheet HTML 2Page - Texas Instruments SN65LVDS86ADGGRQ1 Datasheet HTML 3Page - Texas Instruments SN65LVDS86ADGGRQ1 Datasheet HTML 4Page - Texas Instruments SN65LVDS86ADGGRQ1 Datasheet HTML 5Page - Texas Instruments SN65LVDS86ADGGRQ1 Datasheet HTML 6Page - Texas Instruments SN65LVDS86ADGGRQ1 Datasheet HTML 7Page - Texas Instruments SN65LVDS86ADGGRQ1 Datasheet HTML 8Page - Texas Instruments SN65LVDS86ADGGRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN65LVDS86A-Q1
www.ti.com
SLLS768A
– AUGUST 2006 – REVISED JANUARY 2012
Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Positive-going differential input
VIT+
100
mV
threshold voltage
Negative-going differential input
VIT–
–100
mV
threshold voltage(2)
VOH
High-level output voltage
IOH = –4 mA
2.4
V
VOL
Low-level output voltage
IOL = 4 mA
0.4
V
All inputs to
Disabled,
280
μA
GND
Enabled,
AnP = 1 V,
33
40
AnM = 1.4 V,
tc = 15.38 ns
ICC
Quiescent current (average)
Enabled,
CL = 8 pF,
43
mA
Grayscale pattern (see Figure 3),
tc = 15.38 ns
Enabled,
CL = 8 pF,
68
Worst-case pattern (see Figure 4),
tc = 15.38 ns
IIH
High-level input current (SHTDN)
VIH = VCC
±20
μA
IIL
Low-level input current (SHTDN)
VIL = 0
±25
μA
II
Input current A inputs
0
≤ VI ≤ 2.4 V
±20
μA
IOZ
High-impedance output current
VO = 0 or VCC
±10
μA
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
The algebraic convention, in which the less-positive (more-negative) limit is designated minimum, is used in this data sheet for the
negative-going input voltage threshold only.
Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tsu
Setup time, D0
–D20 to CLKOUT↓
5
ns
CL = 8 pF, See Figure 5
th
Data hold time, CLKOUT
↓ to D0–D20
5
ns
tc = 15.38 ns (±0.2%),
t(RSKM)
Receiver input skew margin(2) (see Figure 7)
550
700
ps
|Input clock jitter|
< 50 ps,(3)
VCC = 3.3 V,
td
Delay time, CLKIN
↑ to CLKOUT↓ (see Figure 7)
3
5
7
ns
tc = 15.38 ns (±0.2%), TA = 25°C
ten
Enable time, SHTDN to phase lock
See Figure 7
1
ms
tdis
Disable time, SHTDN to off state
See Figure 8
400
ns
tt
Transition time, output (10% to 90% tr or tf) (data only)
CL = 8 pF
3
ns
tt
Transition time, output (10% to 90% tr or tf) (clock only)
CL = 8 pF
1.5
ns
tw
Pulse duration, output clock
0.50 tc
ns
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
The parameter t(RSKM) is the timing margin available to allocate to the transmitter and interconnection skews and clock jitter. The value
of this parameter at clock periods other than 15.38 ns can be calculated from tRSKM = tc/14 – 550 ps.
(3)
|Input clock jitter| is the magnitude of the change in input clock period.
Copyright
© 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65LVDS86A-Q1


Similar Part No. - SN65LVDS86ADGGRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS86A TI-SN65LVDS86A Datasheet
269Kb / 15P
[Old version datasheet]   FLATLINK RECEIVER
SN65LVDS86AQ TI-SN65LVDS86AQ Datasheet
269Kb / 15P
[Old version datasheet]   FLATLINK RECEIVER
SN65LVDS86AQDGG TI-SN65LVDS86AQDGG Datasheet
269Kb / 15P
[Old version datasheet]   FLATLINK RECEIVER
SN65LVDS86AQDGGR TI-SN65LVDS86AQDGGR Datasheet
269Kb / 15P
[Old version datasheet]   FLATLINK RECEIVER
More results

Similar Description - SN65LVDS86ADGGRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS86 TI1-SN75LVDS86_08 Datasheet
406Kb / 17P
[Old version datasheet]   FLATLINK RECEIVER
SN65LVDS86AQ TI-SN65LVDS86AQ Datasheet
269Kb / 15P
[Old version datasheet]   FLATLINK RECEIVER
SN75LVDS82 TI1-SN75LVDS82_15 Datasheet
995Kb / 20P
[Old version datasheet]   FlatLink RECEIVER
SN75LVDS82DGGR TI-SN75LVDS82DGGR Datasheet
699Kb / 18P
[Old version datasheet]   FlatLink??RECEIVER
SN65LVDS822 TI1-SN65LVDS822_14 Datasheet
965Kb / 30P
[Old version datasheet]   FLATLINK??LVDS RECEIVER
SN65LVDS822 TI1-SN65LVDS822 Datasheet
418Kb / 27P
[Old version datasheet]   FLATLINK LVDS RECEIVER
SN75LVDS83B TI1-SN75LVDS83B_17 Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN75LVDS84 TI1-SN75LVDS84_08 Datasheet
474Kb / 17P
[Old version datasheet]   FLATLINK TRANSMITTERS
SN65LVDS84AQ-Q1 TI1-SN65LVDS84AQ-Q1 Datasheet
223Kb / 15P
[Old version datasheet]   FlatLink??TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com