Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS4RSER Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS4RSER
Description  1.8-V HIGH-SPEED DIFFERENTIAL LINE RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS4RSER Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVDS4RSER Datasheet HTML 5Page - Texas Instruments SN65LVDS4RSER Datasheet HTML 6Page - Texas Instruments SN65LVDS4RSER Datasheet HTML 7Page - Texas Instruments SN65LVDS4RSER Datasheet HTML 8Page - Texas Instruments SN65LVDS4RSER Datasheet HTML 9Page - Texas Instruments SN65LVDS4RSER Datasheet HTML 10Page - Texas Instruments SN65LVDS4RSER Datasheet HTML 11Page - Texas Instruments SN65LVDS4RSER Datasheet HTML 12Page - Texas Instruments SN65LVDS4RSER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
100
200
300
400
500
600
700
800
5
7
9
11
13
15
17
19
21 22
Capacitive Load (pF)
VCC = 1.8 V, VDD = 1.8 V
VCC = 1.8 V, VDD = 2.5 V
VCC = 1.8 V, VDD = 3.3 V
VCC = 2.5 V, VDD = 2.5 V
VCC = 2.5 V, VDD = 3.3 V
G005
100
200
300
400
500
600
700
800
5
7
9
11
13
15
17
19
21 22
Capacitive Load (pF)
VCC = 1.8 V, VDD = 1.8 V
VCC = 1.8 V, VDD = 2.5 V
VCC = 1.8 V, VDD = 3.3 V
VCC = 2.5 V, VDD = 2.5 V
VCC = 2.5 V, VDD = 3.3 V
G006
0
5
10
15
20
25
30
35
0
50
100
150
200
250
Frequency (MHz)
ICC, VCC = 1.8 V, VDD = 1.8 V
ICC, VCC = 1.8 V, VDD = 2.5 V
ICC, VCC = 1.8 V, VDD = 3.3 V
ICC, VCC = 2.5 V, VDD = 2.5 V
ICC, VCC = 2.5 V, VDD = 3.3 V
IDD, VCC = 1.8 V, VDD = 1.8 V
IDD, VCC = 1.8 V, VDD = 2.5 V
IDD, VCC = 1.8 V, VDD = 3.3 V
IDD, VCC = 2.5 V, VDD = 2.5 V
IDD, VCC = 2.5 V, VDD = 3.3 V
G007
0
5
10
15
20
25
30
35
40
45
50
−40
−20
0
20
40
60
80
Free-Air Temperature (°C)
ICC, VCC = 1.8 V, VDD = 1.8 V
ICC, VCC = 1.8 V, VDD = 2.5 V
ICC, VCC = 1.8 V, VDD = 3.3 V
ICC, VCC = 2.5 V, VDD = 2.5 V
ICC, VCC = 2.5 V, VDD = 3.3 V
IDD, VCC = 1.8 V, VDD = 1.8 V
IDD, VCC = 1.8 V, VDD = 2.5 V
IDD, VCC = 1.8 V, VDD = 3.3 V
IDD, VCC = 2.5 V, VDD = 2.5 V
IDD, VCC = 2.5 V, VDD = 3.3 V
G008
SN65LVDS4
www.ti.com
SLLSE15
– JULY 2011
TYPICAL CHARACTERISTICS (continued)
VICM = 1.2 V, VID = 300 mV, CL = 10 pF, input rise time and fall time = 1 ns, input frequency = 250 MHz, 50% duty cycle, TA
= 25
°C, unless otherwise noted
RISE TIME
FALL TIME
vs
vs
CAPACITIVE LOAD
CAPACITIVE LOAD
Figure 8.
Figure 9.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
FREQUENCY
TEMPERATURE
Figure 10.
Figure 11.
Copyright
© 2011, Texas Instruments Incorporated
9


Similar Part No. - SN65LVDS4RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS4RSER TI1-SN65LVDS4RSER Datasheet
1Mb / 31P
[Old version datasheet]   1.8-V High-Speed Differential Line Receiver
More results

Similar Description - SN65LVDS4RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS4 TI1-SN65LVDS4_15 Datasheet
1Mb / 31P
[Old version datasheet]   1.8-V High-Speed Differential Line Receiver
logo
NXP Semiconductors
PTN3332 PHILIPS-PTN3332 Datasheet
92Kb / 16P
   High speed differential line receiver
Rev. 01-07 January 2004
logo
Texas Instruments
SN65LVDS2 TI-SN65LVDS2 Datasheet
131Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDT2 TI-SN65LVDT2 Datasheet
133Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
NXP Semiconductors
PTN3342 PHILIPS-PTN3342 Datasheet
91Kb / 16P
   High speed differential line receiver
Rev. 01-05 January 2004
logo
Texas Instruments
SN55LVDS32-SP TI1-SN55LVDS32-SP Datasheet
383Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
Pericom Semiconductor C...
PI90LV02 PERICOM-PI90LV02 Datasheet
181Kb / 9P
   SOTinyTM LVDS High-Speed Differential Line Receiver
PI90LV02 PERICOM-PI90LV02_09 Datasheet
364Kb / 9P
   SOTiny LVDS High-Speed Differential Line Receiver
logo
Texas Instruments
DSLVDS1048 TI1-DSLVDS1048 Datasheet
1Mb / 25P
[Old version datasheet]   3.3-V LVDS Quad Channel High-Speed Differential Line Receiver
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com