Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC180IDRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC180IDRQ1
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC180IDRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LBC180IDRQ1 Datasheet HTML 1Page - Texas Instruments SN65LBC180IDRQ1 Datasheet HTML 2Page - Texas Instruments SN65LBC180IDRQ1 Datasheet HTML 3Page - Texas Instruments SN65LBC180IDRQ1 Datasheet HTML 4Page - Texas Instruments SN65LBC180IDRQ1 Datasheet HTML 5Page - Texas Instruments SN65LBC180IDRQ1 Datasheet HTML 6Page - Texas Instruments SN65LBC180IDRQ1 Datasheet HTML 7Page - Texas Instruments SN65LBC180IDRQ1 Datasheet HTML 8Page - Texas Instruments SN65LBC180IDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN65LBC180Q1
LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
SGLS251A − JULY 2004 − REVISED JUNE 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Designed for High-Speed Multipoint Data
Transmission Over Long Cables
D Operate With Pulse Durations as Low
as 30 ns
D Low Supply Current ...5 mA Max
D Meet or Exceed the Requirements of ANSI
Standard RS-485 and ISO 8482:1987(E)
D 3-State Outputs for Party-Line Buses
D Common-Mode Voltage Range of
−7 V to 12 V
D Thermal Shutdown Protection Prevents
Driver Damage From Bus Contention
D Positive and Negative Output Current
Limiting
D Pin Compatible With the SN75ALS180
description
The SN65LBC180 differential driver and receiver
pair is a monolithic integrated circuit designed for
bidirectional data communication over long
cables that take on the characteristics of
transmission lines. It is a balanced, or differential,
voltage mode device that meets or exceeds the
requirements of industry standards ANSI RS-485
and ISO 8482:1987(E). The device is designed
using TI’s proprietary LinBiCMOS
 with the low
power consumption of CMOS and the precision
and robustness of bipolar transistors in the same
circuit.
The SN65LBC180 combines a differential line
driver and receiver with 3-state outputs and
operates from a single 5-V supply. The driver and
receiver have active-high and active-low enables,
respectively, which can be externally connected to
function as a direction control. The driver
differential outputs and the receiver differential
inputs are connected to separate terminals for
full-duplex operation and are designed to present
minimum loading to the bus whether disabled or
powered off (VCC = 0). This part features a wide
common-mode voltage range making it suitable
for
point-to-point
or
multipoint
data-bus
applications.
Copyright
 2008 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinBiCMOS is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
R
RE
DE
D
GND
GND
VCC
VCC
A
B
Z
Y
NC
D PACKAGE
(TOP VIEW)
NC − No internal connection
logic diagram (positive logic)
R
RE
D
DE
B
A
Z
Y
11
12
10
9
2
3
5
4
INPUT
D
H
L
X
ENABLE
DE
H
H
L
OUTPUTS
Y
Z
H
L
L
H
Z
Z
DRIVER
DIFFERENTIAL INPUTS
A− B
VID ≥ 0.2 V
− 0.2 V < VID < 0.2 V
VID ≤ − 0.2 V
X
Open circuit
ENABLE
RE
L
L
L
H
L
OUTPUT
R
H
?
L
Z
H
RECEIVER
H = high level, L = low level, ? = indeterminate, X = irrelevant,
Z = high impedance (off)
Function Tables


Similar Part No. - SN65LBC180IDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI-SN65LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180AD TI-SN65LBC180AD Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180AD TI1-SN65LBC180AD Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN65LBC180IDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
   Differential Line Driver and Receiver Pair
DS89C21 NSC-DS89C21 Datasheet
78Kb / 6P
   Differential CMOS Line Driver and Receiver Pair
logo
Texas Instruments
DS8921 TI1-DS8921_V01 Datasheet
1Mb / 21P
[Old version datasheet]   DS8921x Differential Line Driver and Receiver Pair
DS89C21 TI1-DS89C21_14 Datasheet
759Kb / 13P
[Old version datasheet]   Differential CMOS Line Driver and Receiver Pair
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179B TI-SN75179B Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
   Differential Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com