Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC176AQDREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC176AQDREP
Description  DIFFERENTIAL BUS TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC176AQDREP Datasheet(HTML) 2 Page - Texas Instruments

  SN65LBC176AQDREP Datasheet HTML 1Page - Texas Instruments SN65LBC176AQDREP Datasheet HTML 2Page - Texas Instruments SN65LBC176AQDREP Datasheet HTML 3Page - Texas Instruments SN65LBC176AQDREP Datasheet HTML 4Page - Texas Instruments SN65LBC176AQDREP Datasheet HTML 5Page - Texas Instruments SN65LBC176AQDREP Datasheet HTML 6Page - Texas Instruments SN65LBC176AQDREP Datasheet HTML 7Page - Texas Instruments SN65LBC176AQDREP Datasheet HTML 8Page - Texas Instruments SN65LBC176AQDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN65LBC176AEP
DIFFERENTIAL BUS TRANSCEIVER
SGLS151C − DECEMBER 2002 − REVISED JULY 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information
The SN65LBC176A-EP differential bus transceiver is a monolithic, integrated circuits designed for bidirectional
data communication on multipoint bus-transmission lines. The SN65LBC176A-EP is designed for balanced
transmission lines and is compatible with ANSI standard TIA/EIA-485-A and ISO 8482. The SN65LBC176A-EP
offers improved switching performance over its predecessors without sacrificing significantly more power.
The SN65LBC176A-EP combines a 3-state, differential line driver and a differential input line receiver, both of
which operate from a single 5-V power supply. The driver and receiver have active-high and active-low enables,
respectively, which can externally connect together to function as a direction control. The driver differential
outputs and the receiver differential inputs connect internally to form a differential input /output (I/O) bus port that
is designed to offer minimum loading to the bus whenever the driver is disabled or VCC = 0. This port features
wide positive and negative common-mode voltage ranges, making the device suitable for party-line
applications. Low device supply current can be achieved by disabling the driver and the receiver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 125°C
SOIC − D
Tape and Reel
SN65LBC176AQDREP
176AEP
−55
°C to 125°C
SOIC − D
Tape and Reel
SN65LBC176AMDREP
176MEP
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
schematics of inputs and outputs
1 k
8 V
Input
VCC
Input
100 k
4 k
18 k
4 k
16 V
16 V
Input
100 k
4 k
18 k
4 k
16 V
16 V
VCC
VCC
Output
VCC
D, DE, and RE Inputs
A Input
B Input
R Output
40
8 V
100 k


Similar Part No. - SN65LBC176AQDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC176AQDR TI-SN65LBC176AQDR Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176AQDR TI-SN65LBC176AQDR Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176AQDR TI-SN65LBC176AQDR Datasheet
519Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176AQDRG4 TI-SN65LBC176AQDRG4 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176AQDRG4 TI-SN65LBC176AQDRG4 Datasheet
519Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN65LBC176AQDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com