Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVDA541QDR Datasheet(PDF) 9 Page - Texas Instruments

Part # SN65HVDA541QDR
Description  5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVDA541QDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVDA541QDR Datasheet HTML 5Page - Texas Instruments SN65HVDA541QDR Datasheet HTML 6Page - Texas Instruments SN65HVDA541QDR Datasheet HTML 7Page - Texas Instruments SN65HVDA541QDR Datasheet HTML 8Page - Texas Instruments SN65HVDA541QDR Datasheet HTML 9Page - Texas Instruments SN65HVDA541QDR Datasheet HTML 10Page - Texas Instruments SN65HVDA541QDR Datasheet HTML 11Page - Texas Instruments SN65HVDA541QDR Datasheet HTML 12Page - Texas Instruments SN65HVDA541QDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
FUNCTION TABLES
PARAMETER MEASUREMENT INFORMATION
IO(CANH)
VOD
VI
TXD
O (CANH)
V
O(CANL)
V
IO(CANL)
RL
OC
V
O(CANH)
V
O(CANL)
V
+
2
II(S)
VI(S)
+
_
STB
I I
9 3.5 V
9 2.5 V
9 1.5 V
VO(CANH)
VO(CANL)
Dominant
Recessive
SN65HVDA540
SN65HVDA541
www.ti.com ........................................................................................................................................................................................................ SLLS981 – MAY 2009
DRIVER
INPUTS
OUTPUTS
BUS STATE
TXD(1)
STB(1)
CANH(1)
CANL(1)
L
L
H
L
DOMINANT
H
L
Z
Z
RECESSIVE
Open
L
Z
Z
RECESSIVE
X
H or Open
Y
Y
RECESSIVE
(1)
H = high level, L = low level, X = irrelevant, ? = indeterminate, Y = weak pull down to GND, Z = high impedance
RECEIVER
DIFFERENTIAL INPUTS
STB(1)
OUTPUT RXD(1)
BUS STATE
VID = V(CANH) – V(CANL)
X
H or Open
SN65HVDA540(2)
H
X
VID ≥ 1.15 V
SN65HVDA541(3)
L
DOMINANT
0.4 V < VID < 1.15 V
?
?
VID ≤ 0.4 V
H
RECESSIVE
VID ≥ 0.9 V
L
L
DOMINANT
0.5 V < VID < 0.9 V
L
?
?
VID ≤ 0.5 V
L
H
RECESSIVE
Open
X
H
RECESSIVE
(1)
H = high level, L = low level, X = irrelevant, ? = indeterminate, Y = weak pull down to GND, Z = high impedance
(2)
While STB is high (standby mode) the RXD output of the SN65HVDA540 is always high (recessive) because it has no wake-up receiver
(3)
While STB is high (standby mode) the RXD output of the SN65HVDA541 functions according to the levels above and the wake-up
conditions shown in Figure 1 and Figure 2.
Figure 3. Driver Voltage, Current, and Test Definition
Figure 4. Bus Logic-State Voltage Definitions
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN65HVDA540 SN65HVDA541


Similar Part No. - SN65HVDA541QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA541QDRQ1 TI-SN65HVDA541QDRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
More results

Similar Description - SN65HVDA541QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HVDA551QDRQ1 TI1-HVDA551QDRQ1 Datasheet
921Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER-MODE SUPPLY OPTIMIZATION
SN65HVDA540-Q1 TI1-SN65HVDA540-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN65HVDA540-5-Q1 TI1-SN65HVDA540-5-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN74AVCH2T45 TI1-SN74AVCH2T45_15 Datasheet
985Kb / 31P
[Old version datasheet]   2-Supply, Bus Transceiver with Configurable Level-Shifting
TCAN1046AV-Q1 TI-TCAN1046AV-Q1 Datasheet
907Kb / 15P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
SLLSFJ5 ??JULY 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V03 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1044EV-Q1 TI1-TCAN1044EV-Q1 Datasheet
705Kb / 31P
[Old version datasheet]   TCAN1044EV-Q1 Grade 0 CAN FD Transceiver with Standby Mode and 1.8-V I/O Support
logo
NXP Semiconductors
UJA1166A NXP-UJA1166A Datasheet
435Kb / 35P
   High-speed CAN transceiver with 5 V LDO and Sleep mode
Rev. 1 ??23 August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com