Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1100A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ENA1100A
Description  VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifi er Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1100A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ENA1100A Datasheet HTML 1Page - Sanyo Semicon Device ENA1100A Datasheet HTML 2Page - Sanyo Semicon Device ENA1100A Datasheet HTML 3Page - Sanyo Semicon Device ENA1100A Datasheet HTML 4Page - Sanyo Semicon Device ENA1100A Datasheet HTML 5Page - Sanyo Semicon Device ENA1100A Datasheet HTML 6Page - Sanyo Semicon Device ENA1100A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
15GN01MA
No. A1100-4/7
S Parameters (Common emitter)
VCE=5V, IC=5mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.662
-25.65
4.631
122.00
0.028
71.36
0.765
-10.50
200
0.582
-36.72
3.028
112.20
0.051
68.80
0.732
-14.15
300
0.529
-47.21
2.353
104.69
0.071
65.59
0.713
-17.91
400
0.487
-56.61
1.955
97.68
0.088
63.00
0.700
-21.58
500
0.459
-65.82
1.691
91.07
0.103
60.43
0.689
-25.23
600
0.429
-74.14
1.496
85.11
0.116
57.83
0.679
-28.81
700
0.409
-82.44
1.353
79.01
0.128
56.22
0.674
-32.38
800
0.388
-89.94
1.239
73.29
0.138
54.76
0.671
-35.89
900
0.374
-96.79
1.149
67.98
0.148
53.44
0.671
-39.34
1000
0.365
-103.28
1.072
63.13
0.156
52.60
0.670
-42.75
VCE=5V, IC=10mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.587
-31.65
6.647
118.78
0.026
71.86
0.694
-11.96
200
0.502
-46.40
4.239
108.57
0.046
68.22
0.653
-15.76
300
0.444
-59.47
3.227
100.32
0.064
65.90
0.630
-19.10
400
0.405
-70.80
2.616
93.18
0.079
63.91
0.619
-22.50
500
0.381
-81.80
2.217
86.64
0.093
62.30
0.607
-25.83
600
0.356
-91.29
1.922
80.82
0.105
60.39
0.598
-29.19
700
0.342
-101.15
1.715
74.86
0.115
59.29
0.596
-32.72
800
0.329
-109.42
1.544
69.40
0.125
58.34
0.593
-36.10
900
0.319
-116.99
1.414
64.16
0.135
57.86
0.594
-39.48
1000
0.315
-124.06
1.305
59.41
0.144
57.47
0.593
-42.80
VCE=5V, IC=20mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.505
-41.07
8.945
114.82
0.023
71.42
0.611
-13.64
200
0.417
-60.49
5.500
103.75
0.042
69.03
0.568
-16.14
300
0.369
-76.83
4.039
95.20
0.056
67.39
0.548
-18.89
400
0.341
-90.31
3.197
88.11
0.070
66.22
0.539
-21.75
500
0.328
-102.08
2.654
81.71
0.082
65.43
0.533
-24.77
600
0.316
-112.57
2.264
76.38
0.094
64.49
0.528
-27.99
700
0.311
-122.49
1.988
70.80
0.104
64.03
0.530
-31.32
800
0.306
-130.50
1.771
65.75
0.115
63.95
0.530
-34.57
900
0.304
-137.80
1.605
60.92
0.125
64.09
0.534
-37.93
1000
0.306
-144.30
1.470
56.51
0.135
64.16
0.537
-41.24


Similar Part No. - ENA1100A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1100A ONSEMI-ENA1100A Datasheet
306Kb / 7P
   RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single MCP
August, 2013
More results

Similar Description - ENA1100A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5374A SANYO-2SC5374A_12 Datasheet
534Kb / 8P
   VHF to UHF Band OSC, High-Frequency Amplifi er Applications
15GN01MA SANYO-15GN01MA Datasheet
54Kb / 5P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01CA SANYO-15GN01CA_12 Datasheet
399Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01M SANYO-15GN01M Datasheet
25Kb / 4P
   VHF to UHF Band High-frequency Switching, Highfrequency General-Purpose Amplifier Applications
12A02MH-TL-E SANYO-12A02MH-TL-E Datasheet
473Kb / 6P
   Low-Frequency General-Purpose Amplifi er Applications
30C02MH-TL-E SANYO-30C02MH-TL-E Datasheet
477Kb / 6P
   Low-Frequency General-Purpose Amplifi er Applications
50A02CH SANYO-50A02CH_12 Datasheet
532Kb / 7P
   Low-Frequency General-Purpose Amplifi er Applications
30C02MH SANYO-30C02MH Datasheet
247Kb / 4P
   Low-Frequency General-Purpose Amplifi er Applications
15GN01CA SANYO-15GN01CA Datasheet
53Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01FA SANYO-15GN01FA Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com