Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1917AM Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA1917AM
Description  Dolby S type Noise Reduction Processor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1917AM Datasheet(HTML) 1 Page - Sony Corporation

  CXA1917AM Datasheet HTML 1Page - Sony Corporation CXA1917AM Datasheet HTML 2Page - Sony Corporation CXA1917AM Datasheet HTML 3Page - Sony Corporation CXA1917AM Datasheet HTML 4Page - Sony Corporation CXA1917AM Datasheet HTML 5Page - Sony Corporation CXA1917AM Datasheet HTML 6Page - Sony Corporation CXA1917AM Datasheet HTML 7Page - Sony Corporation CXA1917AM Datasheet HTML 8Page - Sony Corporation CXA1917AM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Description
The CXA1917AM/AS is a bipolar IC designed for
use in the Dolby S type noise reduction system (NR).
An external operational amplifier is required to
configure the decoder. The stereo Dolby B-C-S type
NR combines use of a CXA1563M/S and two
CXA1917AM/AS ICs.
Features
• Considerable reduction in the number of external parts
(half compared to CXA1417S/Q)
• The same Dolby level as that of CXA1560 series ICs (–6dBm)
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VCC to VEE
17
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
(CXA1917AM) 600
mW
(CXA1917AS) 1200
mW
Recommended Operating Conditions
Supply voltage
VCC
4.5 to 6.5
V
VEE
–4.5 to –6.5
V
– 1 –
CXA1917AM/AS
E95Y15B74
Dolby∗ S type Noise Reduction Processor
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
30 pin SOP (Plastic)
30 pin SDIP (Plastic)
This IC is available only to the licensees of Dolby Laboratories Licensing Corporation from whom licensing and applications
information may be obtained.
"Dolby" and the double D symbols are trademarks of Dolby Laboratories Licensing Corporation.


Similar Part No. - CXA1917AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1910 SONY-CXA1910 Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1911 SONY-CXA1911 Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1915AN SONY-CXA1915AN Datasheet
108Kb / 8P
   I-V Photo IC for MiniDisc
More results

Similar Description - CXA1917AM

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2186 NJRC-NJM2186 Datasheet
81Kb / 11P
   DOLBY S-TYPE NOISE REDUCTION PROCESSOR
logo
National Semiconductor ...
LM1112 NSC-LM1112 Datasheet
203Kb / 6P
   DOLBY B-TYPE NOISE REDUCTION PROCESSOR
logo
New Japan Radio
NJM2063A NJRC-NJM2063A Datasheet
116Kb / 2P
   DOLBY B-TYPE NOISE REDUCTION PROCESSOR
logo
Samsung semiconductor
KA2271 SAMSUNG-KA2271 Datasheet
289Kb / 7P
   DOLBY B TYPE NOISE REDUCTION PROCESSOR
logo
New Japan Radio
NJM2185A NJRC-NJM2185A Datasheet
175Kb / 6P
   DOLBY B-TYPE NOISE REDUCTION PROCESSOR
NJM2065A NJRC-NJM2065A Datasheet
132Kb / 3P
   DOLBY B-C TYPE NOISE REDUCTION PROCESSOR?
logo
National Semiconductor ...
LM1131 NSC-LM1131 Datasheet
186Kb / 5P
   DUAL DOLBY B-TYPE NOISE REDUCTION PROCESSOR
logo
NTE Electronics
NTE2003 NTE-NTE2003 Datasheet
23Kb / 2P
   Integrated Circuit Dolby B-Type Noise Reduction Processor
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
logo
Panasonic Semiconductor
AN7354SC PANASONIC-AN7354SC Datasheet
122Kb / 12P
   Dolby B/C-type Noise Reduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com