Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK932-23-TB-E Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK932-23-TB-E
Description  High-Frequency Low-Noise Amplifi er Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK932-23-TB-E Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK932-23-TB-E Datasheet HTML 1Page - Sanyo Semicon Device 2SK932-23-TB-E Datasheet HTML 2Page - Sanyo Semicon Device 2SK932-23-TB-E Datasheet HTML 3Page - Sanyo Semicon Device 2SK932-23-TB-E Datasheet HTML 4Page - Sanyo Semicon Device 2SK932-23-TB-E Datasheet HTML 5Page - Sanyo Semicon Device 2SK932-23-TB-E Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK932
No.2841-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Gate-to-Drain Breakdown Voltage
V(BR)GDS
IG=--10μA, VDS=0V
--15
V
Gate-to-Source Leakage Current
IGSS
VGS=--10V, VDS=0V
--1.0
nA
Zero-Gate Voltage Drain Current
IDSS
VDS=-5V, VGS=0V
5.0*
24.0*
mA
Cutoff Voltage
VGS(off)
VDS=5V, ID=100μA
--0.2
--0.6
--1.4
V
Forward Transfer Admittance
| yfs |
VDS=5V, VGS=0V, f=1kHz
25
50
mS
Input Capacitance
Ciss
VDS=5V, VGS=0V, f=1MHz
10
pF
Reverse Transfer Capacitance
Crss
3.0
pF
Noise Figure
NF
VDS=5V, Rg=1kΩ, ID=1mA, f=1kHz
1.5
dB
* : The 2SK932 is classified by IDSS as follows : (unit : mA)
Rank
21
22
23
24
IDSS
5.0 to 8.5
7.3 to 12.0
10.0 to 17.0
14.5 to 24.0
Ordering Information
Device
Package
Shipping
memo
2SK932-22-TB-E
CP
3,000pcs./reel
Pb Free
2SK932-23-TB-E
CP
3,000pcs./reel
2SK932-24-TB-E
CP
3,000pcs./reel
Gate-to-Source Voltage, VGS -- V
ID -- VGS
Saturation Drain Current, IDSS -- mA
VGS(off) -- IDSS
Drain-to-Source Voltage, VDS -- V
ID -- VDS
Drain-to-Source Voltage, VDS -- V
ID -- VDS
ITR00898
0
0.4
0.8
1.2
1.6
2.0
0
2
4
6
8
10
12
14
16
VGS=0
--0.1V
--0.2V
--0.3V
--0.4V
--0.5V
--0.6V
VGS=0
--0.1V
--0.2V
--0.3V
--0.4V
ITR00900
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
10
20
30
40
I DSS
=20mA
15mA
10mA
5mA
ITR00899
024
6
8
10
0
4
8
12
16
20
57
2
3
35
10
7
--1.0
--0.1
5
3
2
2
VDS=5V
ID=100 A
ITR00901
VDS=5V
--0.5V
--0.6V


Similar Part No. - 2SK932-23-TB-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SK932-23-TB-E ONSEMI-2SK932-23-TB-E Datasheet
763Kb / 4P
   N-Channel JFET
April, 2014
More results

Similar Description - 2SK932-23-TB-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
MCH4014 SANYO-MCH4014 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifi er
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifi er
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
   High-Frequency Low-Noise Amplifi er
2SA1705 SANYO-2SA1705_12 Datasheet
482Kb / 6P
   Low-Frequency Power Amplifi er Applications
CPH6904 SANYO-CPH6904 Datasheet
372Kb / 4P
   N-Channel Silicon MOSFET High-Frequency Low-Noise Amplifi er Applications
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Sanyo Semicon Device
2SC4853A SANYO-2SC4853A_12 Datasheet
463Kb / 8P
   Low-Voltage, Low-Current High-Frequency Amplifi er Applications
12A02MH-TL-E SANYO-12A02MH-TL-E Datasheet
473Kb / 6P
   Low-Frequency General-Purpose Amplifi er Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com