Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN64BCT657 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN64BCT657
Description  OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN64BCT657 Datasheet(HTML) 5 Page - Texas Instruments

  SN64BCT657 Datasheet HTML 1Page - Texas Instruments SN64BCT657 Datasheet HTML 2Page - Texas Instruments SN64BCT657 Datasheet HTML 3Page - Texas Instruments SN64BCT657 Datasheet HTML 4Page - Texas Instruments SN64BCT657 Datasheet HTML 5Page - Texas Instruments SN64BCT657 Datasheet HTML 6Page - Texas Instruments SN64BCT657 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN64BCT657
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
AND 3STATE OUTPUTS
SCBS090A − NOVEMBER 1991 − REVISED JANUARY 1994
3−5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
V
Any output
VCC = 4.5 V,
IOH = − 3 mA
2.4
3.3
VOH
B port, PARITY, ERR
VCC = 4.5 V,
IOH = − 15 mA
2
3.1
V
VOH
Any output
VCC = 4.75 V,
IOH = − 3 mA
2.7
V
VOL
A port
VCC = 4.5 V,
IOL = 24 mA
0.35
0.5
V
VOL
B port, PARITY, ERR
VCC = 4.5 V,
IOL = 64 mA
0.42
0.55
V
T/R
VCC = 0,
VI = 7 V
OE = 4.5 V
20
OE
VCC = 0,
VI = 7 V
T/R = 4.5 V
20
II
ODD/EVEN
VCC = 0,
VI = 7 V
20
µA
II
A port
VCC = 0 to 5.5 V,
VI = 5.5 V
100
µA
B port, PARITY
VCC = 0 to 5.5 V,
VI = 5.5 V
200
A or B port, PARITY
200
IIH‡
T/R, OE
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIH‡
ODD/EVEN
VCC = 5.5 V,
VI = 2.7 V
20
µA
A or B port, PARITY
−70
IIL‡
T/R, OE
VCC = 5.5 V,
VI = 0.5 V
−20
µA
IIL‡
ODD/EVEN
VCC = 5.5 V,
VI = 0.5 V
−20
µA
IOS§
A port
VCC = 5.5 V,
VO = 0
−60
− 200
mA
IOS§
B port, PARITY, ERR
VCC = 5.5 V,
VO = 0
− 125
− 300
mA
IOZH
ERR
VCC = 5.5 V,
VO = 2.7 V
50
µA
IOZL
ERR
VCC = 5.5 V,
VO = 0.5 V
−50
µA
ICCL
VCC = 5.5 V,
Outputs open
90
mA
ICCH
VCC = 5.5 V,
Outputs open
2
mA
ICCZ
VCC = 5.5 V,
Outputs open
1
mA
Ci
Control inputs
VCC = 5 V,
VI = 2.5 V or 0.5 V
6.5
pF
Cio
A port
VCC = 5 V,
VO = 2.5 V or 0.5 V
10
pF
Cio
B port, PARITY
VCC = 5 V,
VO = 2.5 V or 0.5 V
14
pF
Co
ERR
VCC = 5 V,
VO = 2.5 V or 0.5 V
10
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.


Similar Part No. - SN64BCT657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT TI-SN64BCT Datasheet
5Mb / 794P
[Old version datasheet]   Pocket Data Book
SN64BCT125A TI-SN64BCT125A Datasheet
70Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN64BCT125AD TI-SN64BCT125AD Datasheet
70Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN64BCT125AN TI-SN64BCT125AN Datasheet
70Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN64BCT126A TI-SN64BCT126A Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN64BCT657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
NXP Semiconductors
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com