Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-0724801VFA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-0724801VFA
Description  HIGH-SPEED DIFFERENTIAL RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-0724801VFA Datasheet(HTML) 2 Page - Texas Instruments

  5962-0724801VFA Datasheet HTML 1Page - Texas Instruments 5962-0724801VFA Datasheet HTML 2Page - Texas Instruments 5962-0724801VFA Datasheet HTML 3Page - Texas Instruments 5962-0724801VFA Datasheet HTML 4Page - Texas Instruments 5962-0724801VFA Datasheet HTML 5Page - Texas Instruments 5962-0724801VFA Datasheet HTML 6Page - Texas Instruments 5962-0724801VFA Datasheet HTML 7Page - Texas Instruments 5962-0724801VFA Datasheet HTML 8Page - Texas Instruments 5962-0724801VFA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN55LVDS33-SP
SGLS393C – MARCH 2008 – REVISED MARCH 2012
www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55°C to 125°C
CFP - W
Tube
5962-0724801VFA
5962-0724801VFA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Table 1. FUNCTION TABLE(1)
SN55LVDS33
DIFFERENTIAL INPUT
ENABLES
OUTPUT
VID = VA – VB
G
G
Y
H
X
H
VID ≥ –32 mV
X
L
H
H
X
?
–100 mV < VID ≤ –32 mV
X
L
?
H
X
L
VID ≤ –100 mV
X
L
L
X
L
H
Z
H
X
H
Open
X
L
H
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance (off), ? = indeterminate
2
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Link(s): SN55LVDS33-SP


Similar Part No. - 5962-0724801VFA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-0724701VXA TI-5962-0724701VXA Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
5962-0724701VXA TI-5962-0724701VXA Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
More results

Similar Description - 5962-0724801VFA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS33-EP TI1-SN65LVDS33-EP Datasheet
618Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
logo
NXP Semiconductors
PTN3332 PHILIPS-PTN3332 Datasheet
92Kb / 16P
   High speed differential line receiver
Rev. 01-07 January 2004
logo
Texas Instruments
SN65LVDS349 TI1-SN65LVDS349 Datasheet
621Kb / 19P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVER
SN55LVDS32-SP TI1-SN55LVDS32-SP Datasheet
383Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDS2 TI-SN65LVDS2 Datasheet
131Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDT2 TI-SN65LVDT2 Datasheet
133Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
NXP Semiconductors
PTN3342 PHILIPS-PTN3342 Datasheet
91Kb / 16P
   High speed differential line receiver
Rev. 01-05 January 2004
logo
Micrel Semiconductor
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V_06 Datasheet
493Kb / 6P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com