Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2V7002L Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2V7002L
Description  Small Signal MOSFET 60 V, 115 mA, N.Channel SOT.23
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2V7002L Datasheet(HTML) 3 Page - ON Semiconductor

  2V7002L Datasheet HTML 1Page - ON Semiconductor 2V7002L Datasheet HTML 2Page - ON Semiconductor 2V7002L Datasheet HTML 3Page - ON Semiconductor 2V7002L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N7002L, 2V7002L
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
10
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
VDS, DRAIN SOURCE VOLTAGE (VOLTS)
Figure 1. Ohmic Region
1.0
0.8
0.6
0.4
0.2
10
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
VGS, GATE SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
1.2
1.05
1.1
1.10
1.0
0.95
0.9
0.85
0.8
0.75
0.7
-60
-20
+20
+60
+100
+140
-60
-20
+20
+60
+100
+140
T, TEMPERATURE (
°C)
Figure 3. Temperature versus Static
Drain−Source On−Resistance
T, TEMPERATURE (
°C)
Figure 4. Temperature versus Gate
Threshold Voltage
TA = 25°C
VGS = 10 V
9 V
8 V
7 V
6 V
4 V
3 V
5 V
VDS = 10 V
-55
°C
25
°C
125
°C
VGS = 10 V
ID = 200 mA
VDS = VGS
ID = 1.0 mA


Similar Part No. - 2V7002L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2V7002LT1G ONSEMI-2V7002LT1G Datasheet
64Kb / 4P
   Small Signal MOSFET
October, 2016 ??Rev. 8
2V7002LT3G ONSEMI-2V7002LT3G Datasheet
64Kb / 4P
   Small Signal MOSFET
October, 2016 ??Rev. 8
More results

Similar Description - 2V7002L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N7002K ONSEMI-2N7002K_12 Datasheet
112Kb / 6P
   Small Signal MOSFET 60 V, 380 mA, Single, N.Channel, SOT.23
May, 2012 ??Rev. 10
2N7002E ONSEMI-2N7002E_11 Datasheet
100Kb / 5P
   Small Signal MOSFET 60 V, 310 mA, Single, N.Channel, SOT.23
February, 2011 ??Rev. 3
2N7002L ONSEMI-2N7002L Datasheet
58Kb / 4P
   Small Signal MOSFET 60 V, 115 mA, N-Channel SOT-23
July, 2004 ??Rev. 2
logo
WILLAS ELECTRONIC CORP
2N7002WT1 WILLAS-2N7002WT1 Datasheet
374Kb / 5P
   Small Signal MOSFET 115 mA, 60 V
BSS84WT1 WILLAS-BSS84WT1 Datasheet
309Kb / 4P
   Small Signal MOSFET 115 mA, 60 V
logo
Leshan Radio Company
L2N7002WT1G LRC-L2N7002WT1G Datasheet
279Kb / 7P
   Small Signal MOSFET 115 mA, 60 V N-Channel SOT-323
logo
ON Semiconductor
2N7002W ONSEMI-2N7002W_12 Datasheet
108Kb / 5P
   Small Signal MOSFET 60 V, 340 mA, Single, N.Channel, SC.70
September, 2012 ??Rev. 5
NVF3055L108T3G ONSEMI-NVF3055L108T3G Datasheet
79Kb / 6P
   3.0 A, 60 V, Logic Level, N.Channel SOT??23
July, 2014 ??Rev. 8
logo
Leshan Radio Company
L2N7002LT1G LRC-L2N7002LT1G_11 Datasheet
151Kb / 4P
   Small Signal MOSFET 115 mAmps, 60 Volts N?밅hannel SOT??3
logo
WILLAS ELECTRONIC CORP
2N7002LT1 WILLAS-2N7002LT1 Datasheet
299Kb / 4P
   Small Signal MOSFET 115 mAmps, 60 Volts N?밅hannel SOT??3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com