Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55LVCP22WMPR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN55LVCP22WMPR
Description  CLASS V 2x2 LVDS CROSSPOINT SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55LVCP22WMPR Datasheet(HTML) 4 Page - Texas Instruments

  SN55LVCP22WMPR Datasheet HTML 1Page - Texas Instruments SN55LVCP22WMPR Datasheet HTML 2Page - Texas Instruments SN55LVCP22WMPR Datasheet HTML 3Page - Texas Instruments SN55LVCP22WMPR Datasheet HTML 4Page - Texas Instruments SN55LVCP22WMPR Datasheet HTML 5Page - Texas Instruments SN55LVCP22WMPR Datasheet HTML 6Page - Texas Instruments SN55LVCP22WMPR Datasheet HTML 7Page - Texas Instruments SN55LVCP22WMPR Datasheet HTML 8Page - Texas Instruments SN55LVCP22WMPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IN +
INPUTS
VCC
OUT +
OUTPUTS
VCC
300 k
400
SEL, EN
7 V
7 V
7 V
7 V
7 V
IN -
OUT -
SN55LVCP22-SP
SLLSE43 – JUNE 2012
www.ti.com
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
(1)
UNITS
Supply voltage(2) range, VCC
–0.5 V to 4 V
CMOS/TTL input voltage (ENO, EN1, SEL0, SEL1)
–0.5 V to 4 V
LVDS receiver input voltage (IN+, IN–)
–0.7 V to 4.3 V
LVDS driver output voltage (OUT+, OUT–)
–0.5 V to 4 V
LVDS output short circuit current
Continuous
Storage temperature range
–65°C to 125°C
Maximum Junction temperature
150°C
Human body model(3)
All pins
±5 kV
Electrostatic discharge
Charged-device mode(4)
All pins
±500 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminals.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :SN55LVCP22-SP


Similar Part No. - SN55LVCP22WMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LVCP22W/EM TI-SN55LVCP22W/EM Datasheet
1Mb / 24P
[Old version datasheet]   SN55LVCP22A-SP QML Class V 2횞2 1-Gbps LVDS Crosspoint Switch
More results

Similar Description - SN55LVCP22WMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Pericom Semiconductor C...
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com