Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1S2.5 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # C1S2.5
Description  Surface Mount Slow Blow Chip Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

C1S2.5 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  C1S2.5 Datasheet HTML 1Page - Bel Fuse Inc. C1S2.5 Datasheet HTML 2Page - Bel Fuse Inc. C1S2.5 Datasheet HTML 3Page - Bel Fuse Inc. C1S2.5 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type C1S
1206 Size
RoHS 6 Compliant
750mA
0.350
0.333
63
0.07
1A
0.285
0.349
63
0.12
C1S 750
C1S 1
Nominal Volt-
drop
@100% In
(volt)
Nominal
Power
Dissipation
@100% In
(W)
Max.
Voltage
Rating
(V)
Melting I2T
@ 10 In
(A2 Sec)
Nominal Cold
Resistance
(ohm)
Agency Approvals
Ampere Rating
(A)
Catalog
Number
Interrupting Rating
Y
Y
Y
Y
0.25
0.35
Type C1S
Surface Mount Slow Blow Chip Fuse
Electrical Specifications
C1S May2012C
Pb
1A
0.285
0.349
63
0.12
1.25A
0.225
0.346
63
0.18
1.5A
0.182
0.348
63
0.27
2A
0.105
0.254
63
0.50
2.5A
0.072
0.221
63
0.75
3A
0.050
0.182
63
1.12
3.5A
0.040
0.171
63
1.69
4A
0.032
0.160
63
2.07
5A
0.022
0.140
63
3.10
C1S 3
C1S 3.5
C1S 4
C1S 5
C1S 1
C1S 1.25
C1S 1.5
C1S 2
C1S 2.5
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
0.64
0.70
0.55
0.60
Y
Y
750mA - 5A / 63V AC & DC @ 50A
Y
Y
0.35
0.43
0.52
0.51
0.55
5A
0.022
0.140
63
3.10
C1S 5
0.70
Y
Y
120
130
140
Temperature Derating Curve
Average Time Current Curve
0
70
80
90
100
110
120
50
60
-75 -65 -55 -45 -35 -25 -15
-5
5
15
25
35
45
55
65
75
85
95 105 115 125 135 145
Ambient Temperature [oC]
CORPORATE OFFICE
FAR EAST OFFICE
EUROPE OFFICE
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
Bel Stewart GmbH
206 Van Vorst Street
8/F Luk Hop Industrial Building
Preston Technology Management Centre
Industriestrasse 20
Jersey City, NJ 07302
8 Luk Hop Street
Marsh Lane, Suite F15
61381 Friedrichsdorf
Tel 201-432-0463
San Po Kong
Preston, Lancashire, PR1 8UQ
Germany
Specifications Subject to change without notice.
Fax 201-432-9542  
Kowloon, Hong Kong
United Kingdom
Tel 49-6172-9552-0
E-Mail: belfuse@belf.com
Tel 852-2328-5515
Tel 44-1772-556601
Fax 49-6172-9552-40  
Website: www. belfuse.com
Fax 852-2352-3706  
Fax 44-1772-561008  


Similar Part No. - C1S2.5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1S2.5 BEL-C1S2.5 Datasheet
90Kb / 2P
   Surface Mount Slow Blow Chip Fuse
C1S2.5 BEL-C1S2.5 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
More results

Similar Description - C1S2.5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1S BEL-C1S_17 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
C1T BEL-C1T_18 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
C1S BEL-C1S Datasheet
90Kb / 2P
   Surface Mount Slow Blow Chip Fuse
logo
Tyco Electronics
1206SFS550F MACOM-1206SFS550F Datasheet
84Kb / 1P
   Surface Mount Fuse Slow Blow
logo
Bel Fuse Inc.
C1T BEL-C1T Datasheet
2Mb / 4P
   Surace Mount Slow Blow Chip Fuse
SST375 BEL-SST375 Datasheet
83Kb / 2P
   Square Ceramic Surface Mount Slow Blow Fuse
SST375 BEL-SST375_1 Datasheet
413Kb / 2P
   SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
0680L BEL-0680L Datasheet
841Kb / 4P
   Square Ceramic Surface Mount Slow Blow Fuse
SST375_1310 BEL-SST375_1310 Datasheet
1Mb / 4P
   Square Ceramic Surface Mount Slow Blow Fuse
0683G BEL-0683G Datasheet
344Kb / 4P
   Square Ceramic Surface Mount Slow Blow Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com