Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1Q375 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # C1Q375
Description  Surface Mount Very Fast-Acting Chip Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

C1Q375 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  C1Q375 Datasheet HTML 1Page - Bel Fuse Inc. C1Q375 Datasheet HTML 2Page - Bel Fuse Inc. C1Q375 Datasheet HTML 3Page - Bel Fuse Inc. C1Q375 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type C1Q
Surface Mount Very Fast-Acting Chip Fuse
1206 Size
RoHS 6 Compliant
C1Q May2012C
Pb
C1Q 250
250mA
0.85
0.250
0.0018
0.0001
Y
Y
Y
C1Q 375
375mA
0.48
0.222
0.0044
0.0004
Y
Y
Y
C1Q 500
500mA
0.32
0.195
0.008
0.001
Y
Y
Y
Melting I2T
<10 m Sec
(A2 Sec)
Melting I2T
@ 10 In
(A2 Sec)
Catalog
Number
0.06
0.08
0.10
125
125
125
Nominal Cold
Resistance
(ohm)
Agency Approvals
Ampere Rating
(A)
Nominal
Volt-drop
@100% In
(volt)
Nominal
Power
Dissipation
@100% In
(W)
Max.
Voltage
Rating
(V)
Interrupting Rating
Electrical Specifications
C1Q 750
750mA
0.175
0.163
0.019
0.002
Y
Y
Y
C1Q 1
1A
0.124
0.156
0.035
0.004
Y
Y
Y
C1Q 1.25
1.25A
0.092
0.149
0.057
0.006
Y
Y
Y
C1Q 1.5
1.5A
0.075
0.142
0.084
0.010
Y
Y
Y
C1Q 2
2A
0.054
0.140
0.15
0.019
Y
Y
Y
C1Q 2.5
2.5A
0.042
0.138
0.25
0.032
Y
Y
Y
C1Q 3
3A
0.035
0.136
0.37
0.050
Y
Y
Y
C1Q 3.5
3.5A
0.030
0.140
0.53
0.072
Y
Y
Y
125
125V @ 100A AC
and 63V @ 50A DC
125
125
125
0.49
0.19
0.28
0.35
125
125
125
0.12
0.41
0.21
0.16
125
C1Q 4
4A
0.028
0.144
0.67
0.094
Y
Y
Y
C1Q 5
5A
0.022
0.154
1.10
0.16
Y
Y
Y
C1Q 7
7A
0.015
0.160
3.10
0.37
Y
Y
0
125
125
63
0.77
1.12
63V @ 50A AC and DC
0.58
140
Temperature Derating Curve
Average Time Current Curve
80
90
100
110
120
130
50
60
70
-75 -65 -55 -45 -35 -25 -15 -5
5
15 25 35 45 55 65 75 85 95 105 115 125 135 145
Ambient Temperature [oC]
CORPORATE OFFICE
FAR EAST OFFICE
EUROPE OFFICE
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
Bel Stewart GmbH
206 Van Vorst Street
8/F Luk Hop Industrial Building
Preston Technology Management Centre
Industriestrasse 20
Specifications Subject to change without notice.
206 Van Vorst Street
8/F Luk Hop Industrial Building
Preston Technology Management Centre
Industriestrasse 20
Jersey City, NJ 07302
8 Luk Hop Street
Marsh Lane, Suite F15
61381 Friedrichsdorf
Tel 201-432-0463
San Po Kong
Preston, Lancashire, PR1 8UQ
Germany
Fax 201-432-9542  
Kowloon, Hong Kong
United Kingdom
Tel 49-6172-9552-0
E-Mail: belfuse@belf.com
Tel 852-2328-5515
Tel 44-1772-556601
Fax 49-6172-9552-40  
Website: www. belfuse.com
Fax 852-2352-3706  
Fax 44-1772-561008  


Similar Part No. - C1Q375

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1Q375 BEL-C1Q375 Datasheet
92Kb / 2P
   Surface Mount Very Fast-Acting Chip Fuse
C1Q375 BEL-C1Q375 Datasheet
1Mb / 4P
   SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
More results

Similar Description - C1Q375

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1Q BEL-C1Q_17 Datasheet
1Mb / 4P
   SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C2Q BEL-C2Q_17 Datasheet
1Mb / 4P
   SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C2Q BEL-C2Q_12 Datasheet
936Kb / 4P
   Surface Mount Very Fast-Acting Chip Fuse
C1Q BEL-C1Q Datasheet
92Kb / 2P
   Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q Datasheet
91Kb / 2P
   Surface Mount Very Fast-Acting Chip Fuse
logo
Littelfuse
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
logo
Bel Fuse Inc.
CIQ BEL-CIQ Datasheet
219Kb / 2P
   Surface Mount Fast-Acting Chip Fuse
logo
Eaton All Rights Reserv...
0603FA EATON-0603FA Datasheet
684Kb / 2P
   Fast-acting Chip??surface mount fuse
3216FF EATON-3216FF Datasheet
351Kb / 2P
   Fast-acting Chip??surface mount fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com